Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MODE - Mode Set, PIN 7.
Determines the internal clocking mode utilized by the CS5317. Connect to +5V to select
CLKG1 mode. Connect to DGND to select CLKG2 mode. Connect to -5V to select CLKOR
mode. This pin becomes equivalent to FSYNC in the CSZ5316 compatible mode.
VCOIN - VCO Input, PIN 18.
This pin is typically connected to PHDT. A capacitor and resistor in series connected between
VA+ and this pin sets the filter response of the on-chip phase locked loop.
PHDT - Phase Detect, PIN 17.
This pin is typically connected to VCOIN. A capacitor and resistor in series connected between
VA+ and this pin sets the filter response of the on-chip phase locked loop.
Inputs
AIN - Analog Input, PIN 11.
DOE - Data Output Enable, PIN 3.
Three-state control for serial output interface. When low, DATA, DOUT, and CLKOUT are
active. When high, they are in a high impedance state.
RST - Sample Clock Reset, PIN 16.
Sets phase of CLKOUT. Functions only in the clock override mode, CLKOR. Used to
synchronize the output samples of multiple CS5317’s. Must be kept high in CLKG1 or CLKG2
modes. Also, tying this pin low, with MODE not tied to - 5V, will place the CS5317 into
CSZ5316 compatible mode.
Outputs
DOUT - Data Output Flag, PIN 8.
The falling edge indicates the start of serial data output on the DATA pin. The rising edge
indicates the end of serial data output.
DATA - Data Output, PIN 6.
Serial data output pin. Converted data is clocked out on this pin by the rising edge of
CLKOUT. Data is sent MSB first in two’s complement format.
CLKOUT - Data Output Clock, PIN 5.
Serial data output clock. Data is clocked out on the rising edge of this pin. The falling edge
should be used to latch data. Since CLKOUT is a free running clock, DOUT can be used to
indicate valid data.
REFBUF - Positive Voltage Reference Noise Buffer, PIN 12.
Used to attenuate noise on the internal positive voltage reference. Must be connected to the
analog ground through a 0.1
µF ceramic capacitor.
CS5317
18
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com