Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic CS5317 Datasheet HTML 23Page - Cirrus Logic CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Figure A2 shows the interconnection and timing
details for connecting a CS5317 to a NEC
µPD7730 DSP chip.
Figure A3 shows the interconnection and timing
details for connecting a CS5317 to a Motorola
DSP 56000.
Status Register (SR)
Meaning
External Clock
16 bit data
MSB First
Setting
0
1, 0
0
Bit
9
7, 6
3
Mnemonic
SCI
SDLI
SIF
µPD77230
SICK
SI
SIEN
CS5317
DATA
CLKOUT
DOUT
15
13
14
DATA
CLKOUT
DOUT
0
2
1
(MSB)
Figure A2. CS5317-to-NEC
µPD77230 Serial Interface
CS5317
DATA
CLKOUT
DOUT
DSP56000
SCK, SC0
SRD
SC2, SC1
SSI Control Reg. A
CRA (X:FFEC)
WL1 = 1
WL0 = 0
16 bits
ASYNC
SC0
SC1
-
0
-
0
0
0
0
SYNC
SCK
SC2
0
1
-
0
0
0
-
CLKOUT
DOUT
GCK
SYN
FSL
SCKD
SCD2
SCD1
SCD0
PINS
15
13
14
DATA
CLKOUT
DOUT
0
2
1
(MSB)
Figure A3. CS5317-to-Motorola DSP56000 Serial Interface
CS5317
22
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com