Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5317 Datasheet HTML 1Page - Cirrus Logic CS5317 Datasheet HTML 2Page - Cirrus Logic CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ANALOG CHARACTERISTICS (TA = TMIN - TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%;
CLKIN = 4.9152 MHz in CLKOR mode; 1kHz Input Sinewave; with 1.2 k
Ω, .01 µF antialiasing filter.)
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
0 to 70
°C
Resolution
16
-
-
Bits
Dynamic Performance
Dynamic Rnage
(Note 1)
78
84
-
dB
Total Harmonic Distortion
72
80
-
dB
Signal to Intermodulation Distorition
-
84
-
dB
dc Accuracy
Differential Nonlinearity
(Note2)
-
±0.4
-LSB
Positive Full-Scale Error
-
±150
-mV
Positive Full-Scale Drift
-
±500
-
µV/°C
Bipolar Offset Error
-
±10
-mV
Bipolar Offset Drift
-
±50
-
µV/°C
Filter Characteristics
Absolute Group Delay
(Note 3)
78.125
-
-
µs
Passband Frequency
(Note 4)
-
5
-
kHz
Input Characteristics
AC Input Impedance
(1kHz)
-
80
-
k
Ω
Analog Input Full Scale Signal Level
±2.75
--
V
Power Supplies
Power Dissipation
(Note5)
-
220
300
mW
Notes:
1. Measured over the full 0 to 9.6kHz band with a -20dB input and extrapolated to full-scale. Since this
includes energy in the stopband above 5kHz, additional post-filtering at the CS5317’s output can
typically achieve 88dB dynamic range by improving rejection above 5kHz. This can be increased to
90dB by bandlimiting the output to 2.5kHz.
2. No missing codes is guaranteed by design.
3. Group delay is constant with respect to input analog frequency; that is, the digital FIR filter has
linear phase. Group delay is determined by the formula Dgrp = 384/CLKIN in CLKOR mode, or
192/CLKOUT in any mode.
4. The digital filter’s frequency response scales with the master clock. Its -3dB point is determined by
f-3dB = CLKIN/977.3 in CLKOR mode, or CLKOUT/488.65 in any mode.
5. All outputs unloaded. All inputs CMOS levels.
* Refer to the
Parameter Definitions section after the Pin Description section.
CS5317
2
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com