Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5317 Datasheet HTML 1Page - Cirrus Logic CS5317 Datasheet HTML 2Page - Cirrus Logic CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
2.0 V
0.8 V
t
fallin
t risein
2.4 V
0.4 V
triseout
t fallout
Rise and Fall Times
DATA
CLKOUT
(Note 15)
CLKIN
DOUT
DOE
CLKIN
t pwh1
t pwl1
CLKIN
CLKOUT
(Note 14)
t plh5
t su1
t su2
t pwr
t plh5
t su1
t su2
t plh6
RST
DOUT
t plh1
t plh2
t plh3
t phl2
t phl1
14
10
15
(MSB)
(Note 16)
t plh4
Notes: 14. CLKIN only pertains to CLKG1 and CLKG2 modes.
15. If DOE is brought high during serial data transfer, CLKOUT, DOUT, and DATA will immediately
3-state and the rest of the serial data is lost.
16. RST must be held high except in the clock override (CLKOR) mode where it can be used to align
the phases of all internal clocks.
CLKIN Timing
Serial Output Timing
Reset Timing
CS5317
DS27F4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com