Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic CS5317 Datasheet HTML 23Page - Cirrus Logic CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Figure A4 shows the interconnection and timing
details for connecting a CS5317 to a WE DSP16
DSP chip.
Figure A5 shows the interconnection and timing
details for connecting a CS5317 with TMS32020
and TMS320C25 DSP chips.
CS5317
DATA
CLKOUT
DOUT
DSP16
ICK
DI
ILD
Q
D
74
DATA
d
Serial I/O Control Register (SIOC)
Meaning
MSB input first
ILD is an input
ICK is an input
16 bit input data
Value
1
0
0
0
Field
MSB
ILD
ICK
ILEN
CLKOUT
DOUT
DATA d
15
13
14
2
1
0
(MSB)
Figure A4. CS5317-to-WE DSP16 Serial Interface
TMS32020
TMS320C25
CLKR
DR
FSR
CS5317
DATA
CLKOUT
DOUT
TMS32020 Status Register (ST1):
F0 = 0 (16 bit data)
TMS320C25 Status Register (ST1):
FSM = 1 (Frame Sync used)
F0 = 0 (16 bit data)
15
13
14
DATA
CLKOUT
DOUT
0
2
1
(MSB)
Figure A5. CS5317-to-TMS32020/TMS320C25 Serial Interface
CS5317
DS27F4
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com