Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 23Page - Cirrus Logic CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic CS5317 Datasheet HTML 28Page - Cirrus Logic CS5317 Datasheet HTML 29Page - Cirrus Logic CS5317 Datasheet HTML 30Page - Cirrus Logic CS5317 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
amplitude so that distortion products become neg-
ligible. This allows an accurate measurement of
the noise floor.
More complex analysis such as intermodulation
distortion measurements can be accomplished
with the addition of another sine-wave generator.
CIRCUIT DESCRIPTION
Figure 2 illustrates the CS5317 A/D converter IC
circuit connections. The chip operates off of
±5V.
These voltages are supplied from a power source
external to the evaluation board.
Binding posts
are supplied on the board to connect the +5, -5,
and ground power lines. A good quality low rip-
p le, low no ise su pp ly will giv e the best
performance. The +5 V supply can also be used
for VL and should be connected between the VL
board jack and the power supply, as opposed to
connecting the VL jack straight to the +5V jack.
The +5V jack is the positive power source for the
CS5317 IC whereas the VL jack supplies power
to all the digital ICs. Care should be taken that
noise is not coupled between VL and +5V; how-
ever, supply noise is generally not a problem with
the CS5317 since the on-chip decimation filter
will remove any interference outside of its pass-
band. The +5 and -5 V supply lines are filtered on
U6
9
11
CLKIN
GND
-5V
AIN
TP10
17
18
R11
15
12
R8
10
C13
C12
CLKG1
CLKG2
CLKOR
CLKIN (fig.6)
P2
10
µF
TP9
C18
C16
10
µF
D2
6.8v
TP7
+
TP8
R1*
R2
200
51
10k
CS5317
+5V
D3
C19
C17
R10
6.8v
0.22
µF
R7
10
VA+
1
VD+
2
C7
0.1
µF
C6
10
µF
R5
10 k
CLKOUT
DATA
DOUT
(fig. 3)
(fig. 3)
(fig. 3)
R9
10 k
R6
10 k
7
16
4
3
5
6
8
0.1
µF
C15
0.1
µF
0.1
µF
C14
TP6
D1
C4
C5
0.1
µF
VL
VL
10
µF
VA-
14
VD-
10
C8
0.1
µF
C9
10
µF
* Remove for logic gate CLKIN source
DGND
CLKOUT
DATA
MODE
RST
DOE
DOUT
AIN
CLKIN
AGND
REFBUF
PHDT
VCOIN
+
1.2k
0.01
µF
NPO
Figure 2. Analog-to-Digital Converter
CDB5317
DS27DB3
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com