Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Full - scale signal - to - noise - plus - distortion
[S/(N+D)] is calculated as the ratio of the rms
power of the fundamental to the sum of the rms
power of the FFT’s other frequency bins, which
include both noise and distortion. For the
CS5317, signal-to-noise-plus-distortion is shown
to be better than 81 dB for an input frequency
range of 0 to 9.6 kHz (fs/2).
Harmonic distortion characteristics of the CS5317
are excellent at 80 dB full scale signal to THD
(typical), as are intermodulation distortion char-
acteristics, shown in Figure 8. Intermodulation
distortion results from the modulation distortion
of two or more input frequencies by a non-linear
transfer function.
DNL Test
Figure 9 shows a plot of the typical differential
non-linearity (DNL) of the CS5317. This test is
done by taking a large number of conversion re-
sults, and counting the occurrences of each code.
A perfect A/D converter would have all codes of
equal size and therefore equal numbers of occur-
rences. In the DNL test, a code with the average
number of occurrences is considered ideal and
plotted as DNL = 0 LSB. A code with more or
less occurrences than average will appear as a
DNL of greater than or less than zero. A missing
code has zero occurrences, and will appear as a
DNL of -1 LSB.
The plot below illustrates the typical DNL per-
formance of the CS5317, and clearly shows the
part easily achieves no missing codes.
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency (Hz)
S/I.M.D.: 84.7 dB
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
800
1450
9600
Figure 9. CS5317 DNL Plot
Figure 8. CS5317 Intermodulation Distortion
0
65,535
Codes
32,768
+1
0
-1
+1/2
-1/2
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS5317
16
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com