Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
The second PLL mode is termed Clock Genera-
tion 2 (CLKG2) which generates its 5.12 MHz
clock from a 10 kHz external sampling signal.
Again, output samples are available at the system
sampling rate set by CLKIN, typically 10 kHz.
For the full-rated 10 kHz clock CLKG2 still sets
the filter’s 3 dB point at 5 kHz. Therefore,
CLKG2 provides no oversampling beyond the
Nyquist
requirement
at
the
system
level
(10 kHz : 5 kHz) and its internal digital filter pro-
vides little anti-aliasing value. The CLKG2 mode
is initiated by grounding the MODE pin.
The CS5317 features a third operating mode
called Clock Override (CLKOR). Initiated by ty-
ing the MODE pin to -5V, CLKOR allows the
5.12 MHz master clock to be driven directly into
the CLKIN pin. The CS5317 then processes sam-
ples updating its output register at fclkin/256.
Since all clocking is generated internally, the
CLKOR mode includes a Reset capability which
allows the output samples of multiple CS5317’s
to be synchronized.
The CS5317 also has a CS5316 compatible
mode, selected by tying RST low, and using
MODE (pin 7) as the FSYNC pin. See the
CS5316 data sheet for detailed timing informa-
tion.
Analog Design Considerations
DC Characteristics
The CS5317 was designed for signal processing.
Its analog modulator uses CMOS amplifiers re-
sulting in offset and gain errors which drift over
temperature. If the CS5317 is being considered
for low-frequency (< 10 Hz) measurement appli-
cations, Crystal Semiconductor recommends the
CS5501, a low-cost, d.c. accurate, delta-sigma
ADC featuring excellent 60 Hz rejection and a
system-level calibration capability.
The Analog Input Range and Coding Format
The input range of the CS5317 is nominally
± 3V,
with
± 250 mV possible gain error. Because of
this gain error, analog input levels should be kept
below
± 2.75V. The converter’s serial output ap-
pears MSB-first in 2’s complement format.
Antialiasing Considerations
In applying the CS5317, aliasing occurs during
both the initial sampling of the analog input at fs
in
(~2.5 MHz) and during the digital decimation
process to the 16-bit output sample rate, fs
out.
Mode
Symbol
Mode
Pin
RESET
Output Word
Rate Provides
System-level 2X
Oversampling
CLKIN
(kHz)
CLKOUT
fsin
(MHz)
DOUT
fsout
(kHz)
F
(kHz)
tdcD*
(ns)
Clock
Gen. 2
CLKG2
CLKG2
CLKG2
0V
HIGH
NO
7.2
9.6
10.0 (max)
1.8432
2.4576
2.56
7.2
9.6
10.0
14.4
19.2
20.0
542.5
406.9
390.6
Clock
Gen. 1
CLKG1
CLKG1
CLKG1
+5V
HIGH
YES
14.4
19.2
20.0 (max)
1.8432
2.4576
2.56
14.4
19.2
20.0
14.4
19.2
20.0
542.5
406.9
390.6
Clock
Override
CLKOR
CLKOR
CLKOR
-5V
SYNC
YES
3686.4
4915.2
5120.0 (max)
1.8432
2.4576
2.56
14.4
19.2
20.0
14.4
19.2
20.0
N/A
N/A
N/A
CS5316
CS5316
FSYNC
LOW
YES
5120.0 (max)
2.56
20.0
20.0
N/A
* tdcD
- Delay from CLKIN rising to DOUT falling = 1 CLKOUT cycle
Table 1. Mode Comparisons
CS5317
8
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com