Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic CS5317 Datasheet HTML 28Page - Cirrus Logic CS5317 Datasheet HTML 29Page - Cirrus Logic CS5317 Datasheet HTML 30Page - Cirrus Logic CS5317 Datasheet HTML 31Page - Cirrus Logic CS5317 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
two modes which use the phase locked loop will
require appropriate low pass filter components on
the Evaluation Board. The low pass filter compo-
nents help determine the PLL control loop
response, including its bandwidth and stability
and therefore directly affect the transient response
of the PLL control loop. Appropriate filter compo-
nents should be installed if a particular dynamic
response to changes of the CLKIN signal is de-
sired.
The filter components which are installed on the
board have been chosen for the following parame-
ters: MODE: CLKG2; CLKIN: 7,200; N=512;
damping factor: 1.0;
Control loop -3 dB band-
width:
2262 radians/second.
These parameters
yield R as 10 k
Ω and C as 0.22 µF for the filter
components.
The analog signal to be digitized is input to the
AIN BNC connector.
The digital output words
from the CS5317 are buffered by HEX inverters
as shown in Figure 3. The buffered versions of
the CLKOUT and DATA signals are available on
the header connector P1 in Figure 6. The serial
data signals out of the CS5317 are illustrated in
Figure 4. If remote control of the DOE line is
desired, the trace on the PC Board can be opened
and a wire connection can be soldered to the DOE
input line. Remote control of the RST line of the
CS5317 is also available if desired.
Figures 5 and 6 illustrate the serial to parallel shift
registers including timing information. The DATA
output signal from the CS5317 is input to the data
input of the shift register. An inverted version of
the CLKOUT signal is used to clock the DATA
into the shift registers. The two 8-bit shift register
ICs also include output latches. The rising edge
Note: For a complete description of serial timing see the CS5317 Data Sheet
CLKOUT
DATA
15
14
13
12
11
10
987
65432
10
DOUT
Figure 4 Serial Data Timing
DATA
Serial Data
Shifting Out
Parallel Data (D0-D15) Valid
Parallel Data Valid
DRDY
DACK
DOUT
Serial Data
Shifting Out
Figure 5. Parallel Data Timing
CDB5317
DS27DB3
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com