Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5317 Datasheet HTML 1Page - Cirrus Logic CS5317 Datasheet HTML 2Page - Cirrus Logic CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ANALOG CHARACTERISTICS (continued)
Parameter
Min
Typ
Max
Units
Power Supply Rejection
VA+
(Note 6)
VA-
VD+
VD-
-
-
-
-
60
45
60
55
-
-
-
-
dB
dB
dB
dB
Specified Temperature Range
0 to 70
°C
Phase-Lock Loop Characteristics
VCO Gain Constant, Ko
(Note 7)
-4
-10
-30
Mrad/Vs
VCO Operating Frequency
1.28
-
5.12
MHz
Phase Detector Gain Control, Kd
-3
-8
-12
µA/rad
Phase Detector Prop. Delay
(Note 8)
-
50
100
ns
Notes:
6. With 300mV p-p, 1kHz ripple applied to each supply separately.
7. Over 1.28 MHz to 5.12 MHz VCO output range, where VCO frequency = 2 * CLKOUT.
8. Delay from an input edge to the phase detector to a response at the PHDT output pin.
DIGITAL CHARACTERISTICS (TA = TMIN - TMAX; VA+, VD+ = 5V±10%; VA-, VD- = -5V±10%)
All measurements performed under static conditions.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage
(Note 9)
VOH
(VD+)-1.0V
-
-
V
Low-Level Output Voltage
IOUT = 1.6mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Note:
9. Iout=-100
µA. This specification guarantees the ability to drive one TTL load (VOH=2.4V @ Iout=-40µA.).
RECOMMENDED OPERATING CONDITIONS (DGND, AGND = 0V, see Note 10.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
5.5
-5.5
5.5
-5.5
V
V
V
V
Master Clock Frequency
fclk
0.01
-
5.12
MHz
Note:
10. All voltages with respect to ground.
Specifications are subject to change without notice.
CS5317
DS27F4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com