Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PIN DESCRIPTIONS
(Pin numbers refer to the 18-pin DIP package)
18 pin DIP Pinout
20 pin SOIC pinout
Power Supplies
VD+ - Positive Digital Power, PIN 2.
Positive digital supply voltage. Nominally 5 volts.
VD- - Negative Digital Power, PIN 10.
Negative digital supply voltage. Nominally -5 volts.
DGND - Digital Ground, PIN 4.
Digital ground reference.
VA+ - Positive Analog Power, PIN 1.
Positive analog supply voltage. Nominally 5 volts.
VA- - Negative Analog Power, PIN 14.
Negative analog supply voltage. Nominally -5 volts.
AGND - Analog Ground, PIN 15.
Analog ground reference.
PLL/Clock Generator
CLKIN - Clock Input, PIN 9.
Clock input for both clock generation modes and the clock override mode (see MODE).
18
17
1
2
3
4
5
6
7
8
11
10
9
16
15
14
13
12
POSITIVE ANALOG POWER
VA+
VCOIN
VCO INPUT
POSITIVE DIGITAL POWER
VD+
PHDT
PHASE DETECT
DATA OUTPUT ENABLE
DOE
RST
RESET
DIGITAL GROUND
DGND
AGND
ANALOG GROUND
SERIAL CLOCK OUTPUT CLKOUT
VA-
NEGATIVE ANALOG POWER
SERIAL DATA OUTPUT
DATA
NC
NO CONNECT
CLOCKING MODE SELECT
MODE
REFBUF
POSITIVE REFERENCE BUFFER
DATA OUTPUT READY
DOUT
AIN
ANALOG INPUT
CLOCK INPUT
CLKIN
VD-
NEGATIVE DIGITAL POWER
1
2
3
4
5
6
7
8
10
9
18
17
11
16
15
14
13
12
19
20
POSITIVE ANALOG POWER
VA+
VCOIN
VCO INPUT
POSITIVE DIGITAL POWER
VD+
PHDT
PHASE DETECT
DATA OUTPUT ENABLE
DOE
RST
RESET
DIGITAL GROUND
DGND
AGND
ANALOG GROUND
NO CONNECT
NC
NC
NO CONNECT
SERIAL CLOCK OUTPUT CLKOUT
NC
NO CONNECT
SERIAL DATA OUTPUT
DATA
VA-
NEGATIVE ANALOG POWER
CLOCKING MODE SELECT
MODE
REFBUF
POSITIVE REFERENCE BUFFER
DATA OUTPUT READY
DOUT
AIN
ANALOG INPUT
CLOCK INPUT
CLKIN
VD-
NEGATIVE DIGITAL POWER
CS5317
DS27F4
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com