Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
In some applications additional filtering may be
useful to eliminate any jitter associated with the
discrete current pulses from the phase detector.
In this case a capacitor whose value is no more
than 0.1 C can be placed across the RC filter net-
work (C2 in Figure 5).
Filter Design Example
The following is a step by step example of how to
derive the loop filter components. The CS5317
A/D sampling clock is to be derived from a 9600
Hz clock source. The application requires the sig-
nal passband of the CS5317 to be 4 kHz. The
on-chip digital filter of the CS5317 has a 3 dB
passband of CLKOUT/488.65 (see Note 4 in the
data sheet specifications tables). The 4 kHz pass-
band requirement dictates that the sample clock
(CLKOUT) of the CS5317 be a minimum of
4000 X 488.65 = 1.954 MHz. This requires the
VCO to run at 3.908 MHz. The 3.908 MHz rate is
407 times greater than the 9600 Hz PLL input
clock. Therefore the CS5317 must be set up in
mode CLKG2 with N = 512. If the CLKG1 mode
were used (N = 256), too narrow of a signal band-
width through the A/D would result.
Once the operating mode has been determined
from the system requirements, a value for the
damping factor must be chosen. Figure 6 illus-
trates the dynamic aspects of the system with a
given damping factor. Damping factor is gener-
ally chosen to be between 0.5 and 2.0. The choice
of 0.5 will result in an overshoot of 30 % to a step
response whereas the choice of 2.0 will result in
an overshoot of less than 5 %. For example pur-
poses, let us use a damping factor of 1.0.
So, let us begin with the following variables :
Ko = - 10 Mradians/volt.sec
Kd = - 8
µA/radian
N = 512
ζ = 1.0
To calculate values for the resistor R and capaci-
tor C of the filter, we must first derive a value for
ωn. Using the general rule that the sample clock
should be at least 20 times higher frequency than
the 3dB bandwidth of the PLL control loop:
CLKIN
≥ 20 ω
3dB
where CLKIN = 9600 Hz = 2
π 9600 radians/sec.
So:
ω
3dB = 2π 9600/20 = 3016 radians/sec.
Knowing
ω
3dB and the damping factor of 1.0, we
can calculate the natural frequency,
ωn , of the
control loop:
ωn =
ω3dB
√
2
ζ2 + 1 +
√
(2ζ2 + 1)2 + 1
ωn = 3016
√
2
(1)2 + 1 +
√
(2(1)2 + 1)2 + 1
ωn = 1215
1
⁄ sec
Once the natural frequency,
ωn , is determined,
values for R and C for the loop filter can be cal-
culated:
R = 2
ζωnN/KoKd
R = 2(1)(1215 1/s) 512/(-10Mrad/v.s.)(-8
µA/rad)
R = 15552 v/A = 15.55 k
Ω. Use R = 15 kΩ.
C = KoKd/N
ωn2
C = (-10 Mrad/v.s)(- 8
µA/rad)/512 (1215 1/s)2
C = 105.8 x 10
-9 A.s/v = 105 nF. Use 0.1 µF.
The above example assumed typical values for
Ko and Kd. Your application may require a worst
case analysis which includes the minimum or
maximum values. Table 2 shows some other ex-
ample situations and R and C values.
CS5317
14
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com