Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic CS5317 Datasheet HTML 28Page - Cirrus Logic CS5317 Datasheet HTML 29Page - Cirrus Logic CS5317 Datasheet HTML 30Page - Cirrus Logic CS5317 Datasheet HTML 31Page - Cirrus Logic CS5317 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
of the DOUT signal from the CS5317 is used to
latch the data once it is input to the shift registers.
The rising edge of DOUT is also used to toggle
the DRDY flip flop (see Figure 3). The flip flop
is used to signal a remote device whenever new
data is latched into the output registers. The
DRDY flip flop is reset whenever DACK occurs.
A component layout of the CDB5317 board is il-
lustrated in Figure 7.
13
13
U2
D8
D9
D10
D11
D12
D13
D14
D15
DATA
CLKOUT
7
6
5
4
3
2
1
15
QH
QG
QF
QE
QD
QC
QB
QA
GND
12
11
14
LATCH CLK
SHIFT CLK
DIN
74HC595
RST
CLKIN
P1
DACK
D0
D1
D2
D3
D4
D5
D6
D7
DRDY
7
6
5
4
3
2
1
15
QH
QG
QF
QE
QD
QC
QB
QA
U3
GND
12
11
14
74HC595
8
9
TP4
TP5
10k
VL
10 16
0.1
µF
C3
VL
10 16
0.1
µF
C2
CLKOUT2
(fig. 3)
(fig. 2)
CLKIN
RST
LATCH CLK
SHIFT CLK
DIN
DOUT
DATA1
(fig. 3)
(fig. 2)
DATA
(fig. 3)
(fig. 3)
DOUT2
CLKOUT
DRDY
(fig. 3)
(fig. 3)
DACK
OE
8
R3
Figure 6.
CDB5317
30
DS27DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com