Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic CS5317 Datasheet HTML 28Page - Cirrus Logic CS5317 Datasheet HTML 29Page - Cirrus Logic CS5317 Datasheet HTML 30Page - Cirrus Logic CS5317 Datasheet HTML 31Page - Cirrus Logic CS5317 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
the board and then connected to the VA+ and VA-
supply pins of the chip. The +5 V and -5V are
then connected by means of ten
Ω resistors to the
VD+ and VD- pins respectively. Capacitive filter-
ing is provided on all supply pins of the chip. In
addition there is a 0.1
µF filter capacitor con-
nected from the REFBUF pin of the chip to the
VA- supply pin.
To properly operate, the CS5317 chip requires an
external (5 V CMOS compatible) clock. A BNC
connector labeled CLKIN is provided to connect
the off-board clock signal to the board.
The
CLKIN signal is also available on the 40 pin
header connector. The CLKIN signal is one input
to the phase detector of the on-chip phase locked
loop of the CS5317.
Header connector P2 (see Figure 2) is provided to
allow mode selection for the CS5317 chip. The
mode selection works together with the CLKIN
signal to set the sample rate and the output word
rate of the CS5317. See the CS5317 data sheet
for details on mode selection. Two of the avail-
able modes (CLKG1 and CLKG2) utilize the
on-chip phase locked loop to step up the CLKIN
frequency to obtain the necessary sample rate
clock for the A/D converter. Another mode (the
CLKOR mode) does not use the on-chip PLL but
instead drives the sample function directly. The
1
3
9
11
13
2
4
8
10
12
U5
UNUSED GATES
D
S
2
GND R
74HC74
CL
VL
14
4
C10
0.1
µF
D
C11
VL
R4
10k
0.1
µF
6
U5
5
5
6
Q
Q
14
C1
0.1
µF
VL
3
1
13
12
2
7
VL
(fig. 2)
DOUT
7
3
5
6
U1
4
CLKOUT
(fig. 2)
11
10
9
8
DRDY
DACK
(fig. 6)
(fig. 6)
(fig. 6)
DOUT2
(fig. 6)
CLKOUT
(fig. 6)
CLKOUT2
DATA
DATA 1
(fig. 6)
(fig. 6)
DATA
(fig. 2)
TP3
TP2
U4
14
7
D
8
10
VL
VL
Q
12
R
U4
CL
VL
11
VL
Q
9
S
13
Figure 3. Buffers and Parallel Handshake Flip-Flop
CDB5317
28
DS27DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com