Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SYSTEM DESIGN WITH THE CS5317
Like a tracking ADC, the CS5317 continuously
samples and converts, always tracking the analog
input signal and updating its output register at a
20 kHz rate. The device can be read at any rate to
create any system-level sampling rate desired up
to 20kHz.
Clocking
Oversampling is a critical function in delta-sigma
A/D conversion. Although system-level output
sample rates typically remain between 7kHz and
20kHz in voiceband applications, the CS5317 ac-
tually samples and converts the analog input at
rates up to 2.56 MHz. This internal sampling rate
is typically set by a master clock which is on the
order of several megahertz. See Table1 for a com-
plete description of the clock relationships in the
various CS5317 operating modes.
Some systems such as echo-canceling modems,
though, require the output sampling rate to be
locked to a sampling signal which is 20 kHz or
below. For this reason the CS5317 includes an
on-chip phase-lock loop (PLL) which can gener-
ate its requisite 5.12 MHz master clock from a
20 kHz sampling signal.
The CS5317 features two modes of operation
which utilize the internal PLL. The first, termed
Clock Generation 1 (CLKG1), accepts a sam-
pling clock up to 20 kHz at the CLKIN pin and
internally generates the requisite 5.12 MHz clock.
The CS5317 then processes samples updating its
output register at the rate defined at CLKIN, typi-
cally 20 kHz. For a 20 kHz clock input the digital
filter’s 3 dB corner is set at 5.239 kHz, so CLKG1
provides a factor of 2X oversampling at the sys-
tem level (20 kHz is twice the minimum possible
sampling frequency needed to reconstruct a 5
kHz input). The CLKG1 mode is initiated by ty-
ing the MODE input to +5V.
+5V
Analog
Supply
0.1
µF
1
2
10
Ω
CS5317
11
AIN
Signal
Conditioning
14
4
10
VA-
AGND
DGND
VD-
0.1
15
12
REFBUF
VA+
VD+
7
9
Clock
Source
Source
Signal
Analog
-5V
Analog
Supply
6
5
Serial
Data
Interface
8
3
16
uP or DSP
Control
(clock gen. mode / CLKG2)
VD- (clock override mode / CLKOR)
VD+ (clock gen. mode / CLKG1)
17
PHDT
µF
VCOIN
18
VA+
10
Ω
25 nF
25 k
Ω
± 2.75V
10
µF
10
µF
10
µF
10
µF
0.1
µF
CLKIN
MODE
CLKOUT
DATA
DOE
RST
DOUT
0.1
µF 0.1 µF
Figure 1. System Connection Diagram with Example PLL Components
CS5317
DS27F4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com