Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5317 Datasheet HTML 1Page - Cirrus Logic CS5317 Datasheet HTML 2Page - Cirrus Logic CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5317
16-Bit, 20 kHz Oversampling A/D Converter
Features
l Complete Voiceband DSP Front-End
- 16-Bit A/D Converter
- Internal Track & Hold Amplifier
- On-Chip Voltage Reference
- Linear-Phase Digital Filter
l On-Chip PLL for Simplified Output Phase
Locking in Modem Applications
l 84 dB Dynamic Range
l 80 dB Total Harmonic Distortion
l Output Word Rates up to 20 kHz
l DSP-Compatible Serial Interface
l Low Power Dissipation: 220 mW
Description
The CS5317 is an ideal analog front-end for voiceband
signal processing applications such as high-perfor-
mance modems, passive sonar, and voice recognition
systems. It includes a 16-bit A/D converter with an inter-
nal track & hold amplifier, a voltage reference, and a
linear-phase digital filter.
An on-chip phase-lock loop (PLL) circuit simplifies the
CS5317’s use in applications where the output word rate
must be locked to an external sampling signal.
The CS5317 uses delta-sigma modulation to achieve
16-bit output word rates up to 20 kHz. The delta-sigma
technique utilizes oversampling followed by a digital fil-
tering and decimation process. The combination of
oversampling and digital filtering greatly eases antialias
requirements. Thus, the CS5317 offers 84 dB dynamic
range and 80 dB THD and signal bandwidths up to
10 kHz at a fraction of the cost of hybrid and discrete
solutions.
The CS5317’s advanced CMOS construction provides
low power consumption of 220 mW and the inherent re-
liability of monolithic devices.
ORDERING INFORMATION
See page 20.
I
5()%8) 


9ROWDJH
5HIHUHQFH
$,1 
1& 




3//&ORFN*HQHUDWRU
&RPSDUDWRU
WK2UGHU
'HFLPDWLRQ
)LOWHU
6WDWH
%XIIHUV
9$

9$

$*1'

9'

9'

'*1'

9&2,1

3+'7

567

02'(

&/.,1

'2(

&/.287

'$7$

'287

MAR ‘95
DS27F4


Similar Part No. - CS5317

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5317

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com