Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Decimation
Aliasing effects due to decimation are identical in
the CLKOR and CLKG1 modes. Aliasing is dif-
ferent in the CLKG2 mode due to the difference
in output sample rates (10 kHz vs. 20 kHz) and
thus will be discussed separately.
Aliasing in the CLKOR and CLKG1 Modes
The delta-sigma modulator output is fed into the
digital low-pass filter at the input sampling rate,
fs
in. The filter’s frequency response is shown in
Figure 3. In the process of filtering the digitized
signal the filter decimates the sampling rate by
128 (that is, fs
out = fsin/128). In its most elemen-
tary form, decimation simply involves ignoring -
or selectively reading - a fraction of the available
samples.
In the process of decimation the output of the
digital filter is effectively resampled at fs
out, the
output word rate, which has aliasing implications.
Residual signals after filtering at multiples of fs
out
will alias into the baseband. For example, an in-
put tone at 28 kHz will be attenuated by 39.9 dB.
If fs
out = 20 kHz, the residual tone will alias into
the baseband and appear at 8 kHz in the output
spectrum.
If the input signal contains a large amount of out-
of-band energy, additional analog and/or digital
antialias filtering may be required. If digital post-
filtering is used to augment the CS5317’s
rejection above fs
out/4 (that is, above 5 kHz), the
filtering will also reject residual quantization
noise from the modulator. This will typically in-
crease the converter’s dynamic range to 88 dB.
Further bandlimiting the digital output to fs
out/8
(2.5 kHz at full speed) will typically increase dy-
namic range to 90 dB.
Aliasing in the CLKG2 Mode
Aliasing effects in the CLKG2 mode can be mod-
eled exactly as those in the CLKG1 mode with
the output decimated by two (from 20 kHz to 10
kHz). This is most easily achieved by ignoring
every other sample. In the CLKG2 mode the ratio
of the output sampling rate to the filter’s -3 dB
point is two, with no oversampling beyond the
demands of the Nyquist criterion. Without the
ability to roll-off substantially before fs
out/2, the
on-chip digital filter’s antialiasing value is dimin-
ished.
The CLKG2 mode should therefore be used only
when the output data rate must be minimized due
to communication and/or storage reasons. In ad-
dition, adequate analog filtering must be provided
prior to the A/D converter.
Digital Design Considerations
The CS5317 presents its 16-bit serial output
MSB-first in 2’s complement format. The con-
verter’s serial interface was designed to easily
interface to a wide variety of micro’s and DSP’s.
Appendix A offers several hardware interfaces to
industry-standard processors.
CLKOUT
DATA
13
12 11
10
987
6
543
21
0
MSB
(sign bit)
LSB
15 14
15
14
f out
DOUT
Figure 4. Data Output
CS5317
10
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com