Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic CS5317 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
PARAMETER DEFINITIONS
Resolution - The number of different output codes possible. Expressed as N, where 2
N is the number
of available output codes.
Dynamic Range - The ratio of the largest allowable input signal to the noise floor.
Total Harmonic Distortion - The ratio of the rms sum of all harmonics to the rms value of the largest
allowable input signal. Units in dB’s.
Signal to Intermodulation Distortion - The ratio of the rms sum of two input signals to the rms sum
of all discernible intermodulation and harmonic distortion products.
Linearity Error - The deviation of a code from a straight line passing through the endpoints of the
transfer function after zero- and full-scale errors have been accounted for. "Zero-scale" is a
point 1/2 LSB below the first code transition and "full-scale" is a point 1/2 LSB beyond the
code transition to all ones. The deviation is measured from the middle of each particular code.
Units in %FS.
Differential Nonlinearity - The deviation of a code’s width from the ideal width. Units in LSB’s.
Positive Full Scale Error - The deviation of the last code transition from the ideal, (VREF - 3/2 LSB).
Units in mV.
Positive Full Scale Drift - The drift in effective, positive, full-scale input voltage with temperature.
Negative Full Scale Error - The deviation of the first code transition from the ideal, (-VREF + 1/2
LSB). Units in mV.
Negative Full Scale Drift - The drift in effective, negative, full-scale input voltage with temperature.
Bipolar Offset - The deviation of the mid-scale transition from the ideal. The ideal is defined as the
middle transition lying on a straight line between actual positive full-scale and actual negative
full-scale.
Bipolar Offset Drift - The drift in the bipolar offset error with temperature.
Absolute Group Delay - The delay through the filter section of the part.
Passband Frequency - The upper -3 dB frequency of the CS5317.
CS5317
DS27F4
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com