Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Initial Sampling
The CS5317 samples the analog input, AIN, at
one-half the master clock frequency (~2.5 MHz
max). The input sampling frequency, fs
in, appears
at CLKOUT regardless of whether the master
clock is generated on-chip (CLKG1 and CLKG2
modes) or driven directly into the CS5317
(CLKOR mode). The digital filter then processes
the input signal at the input sample rate.
Like any sampled-data filter, though, the digital
filter’s passband spectrum repeats around integer
multiples of the sample rate, fs
in. That is, when
the CS5317 is operating at its full-rated speed any
noise within
± 5 kHz bands around 2.5 MHz, 5
MHz, 7.5 MHz, etc. will pass unfiltered and alias
into the baseband. Such noise can only be filtered
by analog filtering before the signal is sampled.
Since the signal is heavily oversampled (2.5
MHz : 5 kHz, or 500 : 1), a single-pole passive
RC filter can be used as shown in Figure 2.
0
F
2F
3F
.25 F .5 F
0
-40
-80
-2.74 dB
f
sin
(128πƒT)
128sin
(πƒT)
3
=
Magnitude where:
T = 1/
ƒsin
ƒsin = input sampling frequency = CLKOUT frequency for all modes
= CLKIN/2 in CLKOR mode
= CLKIN*128 in CLKG1 mode
= CLKIN*256 in CLKG2 mode
F =
ƒsin/128 for all modes
ƒ = input frequency
ƒsout = ƒsin/128 = output data rate for CLKOR & CLKG1 = F
ƒsout = ƒsin/256 = output data rate for CLKG2 = F/2
Examples:
For
ƒsin = 2.56 MHz at ƒ = 5 kHz: Magnitude is -2.74 dB
For
ƒsin = 2.56 MHz at ƒ = 10 kHz: Magnitude is -11.8 dB
Figure 3. CS5317 Low-Pass Filter Response
Mag
H(ejω ) (dB)
1.2 K
0.01
µF
AIN
Input
Signal
Note: Any nonlinearities contributed by this filter
will be encoded as distortion by the CS5317.
Therefore a low distortion, high frequency ca-
pacitor such as COG-ceramic is recommended.
Figure 2. Anti-alias Filter
CS5317
DS27F4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com