Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic CS5317 Datasheet HTML 23Page - Cirrus Logic CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic CS5317 Datasheet HTML 26Page - Cirrus Logic CS5317 Datasheet HTML 27Page - Cirrus Logic CS5317 Datasheet HTML 28Page - Cirrus Logic CS5317 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5317
Evaluation Board for CS5317
Features
l Easy to Use Digital Interface
Parallel 16 Bits With Clock
Serial Output With Clock
l Multiple Operating Modes
Including Two PLL Modes
l IDC Header used to access Parallel Data,
Serial Data, and Clock Input and Output
Description
The CDB5317 Evaluation Board is designed to allow the
user to quickly evaluate performance of the CS5317 Del-
ta-Sigma Analog-to-Digital Converter. All that is required
to use this board is an external power supply, a signal
source, a clock source, and an ability to read either serial
or parallel 16bitdata words.
ORDERING INFORMATION
CDB5317
Evaluation Board
I
CLKIN
CS5317
CONVERTER
SERIAL TO PARALLEL
CLKOUT
DATA
D0-D15
IDC HEADER
AIN
DACK
+5V
-5V
GND
CLKIN
DRDY
V
L
MAR ‘95
DS27DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com