Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic CS5317 Datasheet HTML 20Page - Cirrus Logic CS5317 Datasheet HTML 21Page - Cirrus Logic CS5317 Datasheet HTML 22Page - Cirrus Logic CS5317 Datasheet HTML 23Page - Cirrus Logic CS5317 Datasheet HTML 24Page - Cirrus Logic CS5317 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
APPENDIX A
APPLICATIONS
Figure A1 shows one method of converting the
serial output of the CS5317 into 16-bit, parallel
words. The associated timing is also shown.
S2
A
S1
P
A
P
B
P
C
P
D
PE
P
F
P
G
P
H
D0
D1
D2
D3
D4
D5
D6
D7
Q
H
P
A
P
B
P
C
P
D
P
E
P
F
P
G
P
H
D8
D9
D10
D11
D12
D13
D14
D15
CS5317
DATA
DOUT
CLKOUT
CS
8
8
16
Data
Bus
+5V
OE2
+5V
OE2
S2
A
S1
OE1
OE1
INT
INT
Only needed for level sensitive interrupt driven systems.
D
Q
Q
SET
15
13
14
0
2
1
INT Cleared when data read
(CS goes low)
(MSB)
DATA
INT
CLKOUT
DOUT
Figure A1. CS5317-to-Parallel Data Bus Interface
CS5317
DS27F4
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com