Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic CS5317 Datasheet HTML 10Page - Cirrus Logic CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ioutavg = Kd(θ1−θ2) ≈ (−50µA ⁄ 2π) (θ1−θ2)
where
θ1 is the phase of IN1, θ2 is the phase of
IN2 and Kd is the phase detector gain. The factor
2
π comes from averaging the current over a full
CLKIN cycle.
Kd is in units of micro-am-
peres/radian
.
VCO Gain (Ko)
The output frequency from the VCO ranges from
1.28 MHz to 5.12 MHz. The frequency is a func-
tion of the control voltage input to the VCO. The
VCO has a negative gain factor, meaning that as
the control voltage increases more positively the
output frequency decreases. The gain factor units
are Megaradians per Volt per Second.
This is
equivalent to 2
π Megahertz per volt. Changes in
output frequency are given by:
∆ωvco = Ko ∆VCOin [Ko is typ. -10Mrad/Vs.]
Counter/Divider Ratio
The CS5317 PLL multiplies the CLKIN rate by
an integer value. To set the multiplication rate, a
counter/divider chain is used to divide the VCO
output frequency to develop a clock whose fre-
quency is compared to the CLKIN frequency in
the phase detector. The binary counter/divider ra-
tio sets the ratio of the VCO frequency to the
CLKIN frequency. As illustrated in Figure 5, the
VCO output is always divided by two to yield the
CLKOUT signal which is identical in frequency
to the delta-sigma modulator sampling clock.
The CLKOUT signal is then further divided by
either 128 in the CLKG1 mode or by 256 in the
CLKG2 mode. When the divide by two stage is
included, the divider ratio (N) for the PLL in the
CLKG1 mode is effectively 256. In the CLKG2
mode the divider ratio (N) is 512.
Loop Transfer Function
As the phase-locked loop is a closed loop system,
an equation can be determined which describes its
closed loop response. Using the gain factors for
the phase detector and the VCO, the filter ar-
rangement and the counter/divider constant N,
analysis will yield the following equation which
describes the transfer function of the PLL:
θ2
θ1
=
KoKdR
N
s
+
KoKd
NC
s
2 + KoKdR
N
s
+
KoKd
NC
This equation may be rewritten such that its ele-
ments
correspond
with
the
following
Phase/Frequency
Detect Logic
IN1
IN2
DOWN
UP
CLKIN
1
2
+5V
-5V
VA+
VCO
128
2
2
Conversion Output Rate -
Same Frequency as DOUT
Internal Sync for Digital Filter
Delta-Sigma
Sampling Clock
CLKG1
CLKG2
CLKOR
CLKOR
VCOIN
External RC
Kd = -8 µA/rad
K0 = -10 Mrad/V.s
R
C
50
µA
50
µA
(CLKOUT)
PHDT
C2
Figure 5. PLL Functional Diagram
CS5317
12
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com