Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet (PDF) - Microchip Technology

MIC45404 Datasheet PDF - Microchip Technology
Part # MIC45404
Download  MIC45404 Download
File Size   1105.22 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 19V 5A Ultra-Low Profile DC-to-DC Power Module

MIC45404 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC45404 Datasheet PDF - Microchip Technology

Part # MIC45404
Download  MIC45404 Click to download

File Size   1105.22 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 19V 5A Ultra-Low Profile DC-to-DC Power Module

MIC45404 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC45404

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
More results


Similar Description - MIC45404

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
up to 5A | AC-DC / DC-DC LED driver
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
Intersil Corporation
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
AIMTEC
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
up to 5A | AC-DC / DC-DC LED driver
logo
Renesas Technology Corp
ISL8205M RENESAS-ISL8205M Datasheet
2Mb / 26P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
Jun 24, 2022
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com