Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 9
MIC45404
Note:
Unless otherwise indicated, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
FIGURE 2-13:
Output Voltage vs. Output
Current (VOUT =1.2V).
FIGURE 2-14:
Output Voltage vs. Output
Current (VOUT =1.5V).
FIGURE 2-15:
Output Voltage vs. Output
Current (VOUT =1.8V).
FIGURE 2-16:
Output Voltage vs. Output
Current (VOUT =2.5V).
FIGURE 2-17:
Output Voltage vs. Output
Current (VOUT =3.3V).
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
00.511.5
2
2.5
3
3.544.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V
1.490
1.495
1.500
1.505
1.510
00.5
11.5
22.5
33.544.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V
1.790
1.795
1.800
1.805
1.810
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V
2.480
2.485
2.490
2.495
2.500
0
0.5
11.5
22.5
33.5
44.5
5
I
OUTt (A)
5
12
V
IN = 12V
V
IN = 5V
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
3.306
3.308
3.310
00.5
1
1.522.533.5
44.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com