Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 11
MIC45404
Note:
Unless otherwise indicated, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
FIGURE 2-24:
Power-up into Short Circuit.
FIGURE 2-25:
Enable into Short Circuit.
FIGURE 2-26:
Output Current Limit
(ILIM =0V).
FIGURE 2-27:
Output Current Limit
(ILIM =High Z).
FIGURE 2-28:
Hiccup Mode Short Circuit
and Output Recovery.
FIGURE 2-29:
Thermal Shutdown and
Thermal Recovery.
VIN(5V/div)
VOUT (500 mV/div)
PG
(5V/div)
IOUT(5A/div)
Time (1 ms/div)
EN/DLY
(2V/div
VOUT (500 mV/div)
PG
(5V/div)
IOUT(5A/div)
Time (1 ms/div)
VOUT (500 mV/div)
PG
(5V/div)
VIN =12V
VOUT = 1.2V
fSW = 400 kHz
ILIM =0V
IOUT(2A/div)
Time (1 ms/div)
VOUT (500 mV/div)
PG
(5V/div)
VIN =12V
VOUT = 1.2V
fSW = 400 kHz
ILIM = high Z
IOUT(2A/div)
Time (1 ms/div)
VOUT (500 mV/div)
PG
(5V/div)
IOUT(2A/div)
Time (20 ms/div)
IOUT(2A/div)
VOUT (500 mV/div)
PG
(5V/div)
Time (200 ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com