Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology MIC45404 Datasheet HTML 22Page - Microchip Technology MIC45404 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 19
MIC45404
5.0
APPLICATION INFORMATION
5.1
Programming Start-up Delay and
External UVLO
The EN/DLY pin allows programming an external
start-up delay. In this case, the driver for the EN/DLY
pin should be an open-drain/open-collector type, as
shown in Figure 5-1.
FIGURE 5-1:
Programmable Start-up Delay Function.
The start-up delay is the delay time from the off falling
edge to the assertion of the enable power delivery
signal. It can be calculated as shown in Equation 5-1:
EQUATION 5-1:
The EN/DLY pin can also be used to program a UVLO
threshold for power delivery by means of an external
resistor divider, as described in Figure 5-2.
FIGURE 5-2:
Programmable External UVLO Function.
EN/DLY
Enable Power
Comparator
EN_I
2 µA
AGND
EN_R
1.21V
VIN
Enable
Power
Delivery
150 mV
EN_LDO_R
515 mV
Enable LDO
Comparator
CDLY
Off
t
SU_DLY
EN_R
C
DLY
EN_I
-----------------------------------
=
Where:
EN_R = 1.21V
EN_I = 2 µA
CDLY = Delay programming external capacitor
EN/DLY
Enable Power
Comparator
R2
R1
EN_I
2 µA
AGND
EN_R
1.21V
VIN
Enable
Power
Delivery
150 mV
EN_LDO_R
515 mV
Enable LDO
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com