Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 2 Page - Microchip Technology

  MIC45404 Datasheet HTML 1Page - Microchip Technology MIC45404 Datasheet HTML 2Page - Microchip Technology MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC45404
DS20005478A-page 2
 2015 Microchip Technology Inc.
Package Types
Functional Diagram
MIC45404
6 mm x 10 mm QFN*
(Bottom View)
26
22
24
23
25
47
KEEPOUT
GND
GND
LX
GND
21
KEEPOUT
48
AGND
NC
53
52
20
OUT
OUT
27
LX
ILIM
49 FREQ
50
51 GND
COMP
54 OUTSNS
MIC45404YMP
GND_EP
* Includes Exposed Thermal Pad (EP); see Table 3-1.
LX
BST
ILIM
FREQ
VDDA
VOSET1
PG
AGND
VOSET0
COMP
EN/DLY
OUTSNS
VIN
PGND
VDDP
PWM
Regulator
100 nF
47 pF
LX
BST
VOSET1
AGND
VOSET0
GND_EP
OUTSNS
GND
COMP
OUT
ILIM
FREQ
VDDA
PG
EN/DLY
VIN
VDDP
GND_EXT
VDDP
LDO
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com