Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 17
MIC45404
4.12
Overcurrent Protection (ILIM) and
Hiccup Mode Short-Circuit
Protection
The MIC45404 features instantaneous cycle-by-cycle
current limit with current sensing, both on the low-side
and high-side switches. It also offers a Hiccup mode for
prolonged overloads or short-circuit conditions.
The low-side cycle-by-cycle protection detects the cur-
rent level of the inductor current during the low-side
MOSFET on time. The high-side MOSFET turn-on is
inhibited as long as the low-side MOSFET current limit is
above the overcurrent threshold level. The inductor cur-
rent will continue decaying until the current falls below
the threshold, where the high-side MOSFET will be
enabled again, according to the duty cycle requirement
from the PWM modulator.
The low-side current limit has three different program-
mable levels (for 3A, 4A and 5A loads) in order to fit
different application requirements. Since the low-side
current limit acts on the valley current, the DC output
current level (IOUT), where the low-side cycle-by-cycle
current limit is engaged, will be higher than the current
limit value by an amount equal to
ILPP/2, where ILPP
is the peak-to-peak inductor ripple current.
The
high-side
current
limit
is
approximately
1.4-1.5 times greater than the low-side current limit
(typical values). The high-side cycle-by-cycle current
limit immediately truncates the high-side on time
without waiting for the off clocking event.
A Leading-Edge Blanking (LEB) timer (108 ns, typical)
is provided on the high-side cycle-by-cycle current limit
to mask the switching noise and to prevent falsely
triggering the protection. The high-side cycle-by-cycle
current limit action cannot take place before the LEB
timer expires.
Hiccup mode protection reduces power dissipation in
permanent short-circuit conditions. On each clock
cycle, where a low-side cycle-by-cycle current limit
event is detected, a 4-bit up/down counter is incre-
mented. On each clock cycle without a concurrent
low-side current limit event, the counter is decremented
or left at zero. The counter cannot wraparound below
‘0000’ and above ‘1111’. High-side current limit events
do not increment the counter. Only detections from
low-side current limit events trigger the counter.
If the counter reaches ‘1111’ (or 15 events), the high
and low-side MOSFETs become tri-stated, and power
delivery to the output is inhibited for the duration of
three times the soft start time. This digital integration
mechanism provides immunity to momentary overload-
ing of the output. After the wait time, the MIC45404
retries entering operation and initiates a new soft start
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com