Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 2Page - Microchip Technology MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MIC45404
DS20005478A-page 6
 2015 Microchip Technology Inc.
Thermal Shutdown
Thermal Shutdown
TSHDN
—160
—
°C
Thermal Shutdown
Hysteresis
TSHDN_HYST
—25—
°C
Efficiency
Efficiency
η
—82—
%
VIN = 12V, VOUT = 0.9V,
IOUT = 2A, fS = fSZ = 400 kHz,
TA = +25°C
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Specifications:
unless otherwise specified, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specification for packaged product only.
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
unless otherwise specified, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Junction Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
-40
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 54 Lead,
6 mm x10 mm QFN
JA
—20
—
°C/W
See “MIC45404 Evaluation
Board User’s Guide”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com