Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology MIC45404 Datasheet HTML 22Page - Microchip Technology MIC45404 Datasheet HTML 23Page - Microchip Technology MIC45404 Datasheet HTML 24Page - Microchip Technology MIC45404 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 21
MIC45404
5.5
Permissible MIC45404 Settings
Combinations
The MIC45404 allowable settings are constrained by
the values in Table 5-4.
5.6
Output Capacitor Selection
Two main requirements determine the size and
characteristics of the output capacitor, CO:
• Steady-state ripple
• Maximum voltage deviation during load transient
For steady-state ripple calculation, both the ESR and
the capacitive ripple contribute to the total ripple ampli-
tude. The MIC45404 utilizes a low loss inductor, whose
nominal value is 1.2 µH. From the switching frequency,
input voltage, output voltage setting and load current,
the peak-to-peak inductor current ripple and the peak
inductor current can be calculated as:
EQUATION 5-4:
EQUATION 5-5:
The capacitive ripple,
Vr,C, and the ESR ripple,
Vr,ESR, are given by:
EQUATION 5-6:
EQUATION 5-7:
The
total peak-to-peak
output
ripple is then
conservatively estimated as:
EQUATION 5-8:
The output capacitor value and ESR should be chosen
such that
VR is within specifications. Capacitor toler-
ance should be considered for worst-case calculations.
In case of ceramic output capacitors, factor into
account the decrease of effective capacitance versus
applied DC bias.
The worst-case load transient for output capacitor cal-
culation is an instantaneous 100% to 0% load release
when the inductor current is at its peak value. In this
case, all the energy stored in the inductor is absorbed
by the output capacitor, while the converter stops
switching and keeps the low-side FET on.
The peak output voltage overshoot (
VO) happens
when the inductor current has decayed to zero. This
can be calculated with Equation 5-9:
EQUATION 5-9:
Equation 5-10
calculates
the
minimum
output
capacitance value (CO(MIN)) needed to limit the output
overshoot below
VO.
EQUATION 5-10:
The result from the minimum output capacitance value
for load transient is the most stringent requirement
found for capacitor value in most applications. Low
Equivalent Series Resistance (ESR) ceramic output
capacitors, with X5R or X7R temperature ratings, are
recommended.
For low output voltage applications with demanding
load transient requirements, using a combination of
polarized and ceramic output capacitors may be the
most convenient option for smallest solution size.
TABLE 5-4:
PERMISSIBLE MIC45404
SETTINGS COMBINATIONS
Output Voltage
Frequency
3.3V
790 kHz
2.5V (2.49V)
1.8V
565 kHz
1.5V
1.2V
400 kHz
1.0V
0.9V
0.8V
0.7V
I
L_PP
V
O
1
V
O
V
IN
--------
–
f
S
L
------------------





=
I
L,P EAK
I
O
I
L_PP
2
-----------------
+
=
V
R,C
I
L_PP
8f
S
C
O
---------------------------
=
V
R,ESR
ESR
I
L_PP
=
V
R
V
R,C
V
R,ESR
+
V
O
V
2
O
L
C
O
-------
I
L,PEAK
2
+V
O
–
=
C
O MIN

LI
2
L,PEAK
V
O
V
O
+

2
V
2
O
–
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com