Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology MIC45404 Datasheet HTML 22Page - Microchip Technology MIC45404 Datasheet HTML 23Page - Microchip Technology MIC45404 Datasheet HTML 24Page - Microchip Technology MIC45404 Datasheet HTML 25Page - Microchip Technology MIC45404 Datasheet HTML 26Page - Microchip Technology MIC45404 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 23
MIC45404
EQUATION 5-14:
The overall voltage loop gain, TV(S), is the product of
the control-to-output and the compensator transfer
functions:
EQUATION 5-15:
The value of the attenuation ratio, R1/(R1 + R2),
depends on the output voltage selection and can be
retrieved as illustrated in Table 5-5:
The compensation design process is as follows:
1.
Set the TV(s) loop gain crossover frequency, fXO,
in the range of fS/20 to fS/10. Lower values of
fXO allow a more predictable and robust phase
margin. Higher values of fXO would involve addi-
tional considerations about the current loop
bandwidth in order to achieve a robust phase
margin. Taking a more conservative approach is
highly recommended.
EQUATION 5-16:
2.
Select RC1 to achieve the target crossover
frequency, fXO, of the overall voltage loop. This
typically happens where the power stage
transfer function, GCO(S), is rolling off at
-20 dB/decade. The compensator transfer func-
tion, HC(S), is in the so-called midband gain
region, where CC1 can be considered a DC
blocking short circuit, while CC2 can still be
considered as an open circuit, as calculated in
Equation 5-17:
EQUATION 5-17:
3.
Select capacitor CC1 to place the compensator
zero at the load pole. The load pole moves
around with load variations, so to calculate the
load pole use as a load resistance RL, the value
determined by the nominal output current, IO, of
the application, as shown in Equation 5-18 and
Equation 5-19:
EQUATION 5-18:
EQUATION 5-19:
4.
Knowing that an internal CC2 capacitor of 47 pF
is provided already, find out if any additional
capacitance is needed to augment the overall
value of the capacitor, CC2.
The CC2 (total value) is intended for placing the com-
pensator pole at the frequency of the output capacitor
ESR zero and/or achieve additional switching
ripple/noise attenuation.
If the output capacitor is a polarized one, its ESR zero
will typically occur at low enough frequencies to cause
the loop gain to flatten out and not roll off at a
-20 dB/decade slope, around or just after the crossover
frequency, fXO. This causes undesirable scarce
compensation design robustness and switching noise
susceptibility. The compensator pole is then used to
cancel the output capacitor ESR zero and achieve a
well-behaved roll-off of the loop gain above the
crossover frequency.
If the output capacitors are only ceramic, then the ESR
zeros frequencies could be very high. In many cases,
the frequencies could even be above the switching
frequency itself. Loop gain roll-off at -20 dB/decade is
ensured well beyond the crossover frequency, but even
in this case, it is good practice to still make use of the
compensator pole to further attenuate switching noise,
while conserving phase margin at the crossover
frequency.
TABLE 5-5:
INTERNAL FEEDBACK
DIVIDER ATTENUATION
VALUES
VO Range
R1/(R1 + R2)
A
(A =1 +R2/R1)
0.7V-1.2V
1
1
1.5V-1.8V
0.5
2
2.5V(2.49V)-3.3V
0.333
3
H
CS

R1
R1
R2
+
---------------------Gm
EA
1
SC
C1
C
C2
+

--------------------------------------------
–
=
1S
R
C1
C
C1
+

1S
R
C1
C
C1
C
C2
C
C1
C
C2
+
---------------------------
+


--------------------------------------------------------------------
T
VS

G
CO S

H
CS

=
f
S
20
------f
XO
f
S
10
------

R
C1
R1
R2
+
R1
---------------------


2
C
O
f
XO
Gm
EA
Gm
PS
------------------------------------
=
R
L
V
O
I
O
-------
=
C
C1
C
O
ESR
R
L
+

R
C1
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com