Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 1 Page - Microchip Technology

  MIC45404 Datasheet HTML 1Page - Microchip Technology MIC45404 Datasheet HTML 2Page - Microchip Technology MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 1
MIC45404
Features
• Input Voltage Range: 4.5V to 19V
• Output Current: Up to 5A
• 82% Peak Efficiency at 12 VIN, 0.9 VOUT
• Pin-Selectable Output Voltages: 0.7V, 0.8V, 0.9V,
1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V
• ±1% Output Voltage Accuracy
• Supports Safe Pre-Biased Start-up
• Pin-Selectable Current Limit
• Pin-Selectable Switching Frequency
• Internal Soft Start
• Thermal Shutdown
• Hiccup Mode Short-Circuit Protection
• Available in a 54-Lead 6 mm x 10 mm QFN
Package
• Ultra-Low Profile: 2.0 mm Height
• -40°C to +125°C Junction Temperature Range
Applications
• Servers, Data Storage, Routers and Base Stations
• FPGAs, DSP and Low-Voltage ASIC Power
General Description
The MIC45404 device is an ultra-low profile, synchro-
nous step-down regulator module, featuring a unique
2.0 mm height. The module incorporates a DC-to-DC
regulator, bootstrap capacitor, high-frequency input
capacitor and an inductor in a single package. The
module pinout is optimized to simplify the Printed
Circuit Board (PCB) layout process.
This highly integrated solution expedites system
design and improves product time to market. The inter-
nal MOSFETs and inductor are optimized to achieve
high efficiency at low output voltage. Due to the fully
optimized design, MIC45404 can deliver up to 5A
current with a wide input voltage range of 4.5V to 19V.
The MIC45404 is available in a 54-lead 6 mm x
10 mm x 2.0 mm QFN package with a junction operat-
ing temperature range from -40
C to +125C, which
makes an excellent solution for systems in which PCB
real-estate and height are important limiting factors,
and air flow is restricted.
Typical Application
MIC45404 12V 5A DC-to-DC Converter
VIN
OUT
VIN
4.5V to 19V
FREQ
VDDA
VOSET1
PG
GND
GND
VOSET0
COMP
EN/DLY
OUTSNS
MIC45404
VDDA
Power-Good
Enable
VDDA
VDDA
Output
Voltage
Selection
VDDA
Frequency
Selection
ILIM
VDDA
Current Limit
Selection
VOUT
19V 5A Ultra-Low Profile DC-to-DC Power Module


Similar Part No. - MIC45404

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
More results

Similar Description - MIC45404

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
up to 5A | AC-DC / DC-DC LED driver
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
Intersil Corporation
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
AIMTEC
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
up to 5A | AC-DC / DC-DC LED driver
logo
Renesas Technology Corp
ISL8205M RENESAS-ISL8205M Datasheet
2Mb / 26P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
Jun 24, 2022
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com