Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 7
MIC45404
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
FIGURE 2-1:
Operating Current (IQ) vs.
Input Voltage.
FIGURE 2-2:
VDDA Voltage vs. Input
Voltage.
FIGURE 2-3:
Output Current Limit vs.
Input Voltage.
FIGURE 2-4:
Enable Threshold vs. Input
Voltage.
FIGURE 2-5:
EN/DLY Pull-up Current vs.
Input Voltage.
FIGURE 2-6:
Operating Current (IQ) vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
15.00
17.00
19.00
21.00
23.00
25.00
27.00
29.00
31.00
33.00
35.00
4
6
8
1012
141618
20
V
IN (V)
f = 565 kHz
V
OUT = 1.8V
f = 400 kHz
V
OUT = 1.0V
Switching
I
OUT = 0A
f = 790 kHz
V
OUT = 3.3V
4
4.2
4.4
4.6
4.8
5
5.2
4.5
6.5
8.5
10.5
12.5
14.5
16.5
18.5
V
IN (V)
IoutSet 0
IoutSet 0.01
I
VDDA = 0 mA
I
VDDA = 10 mA
5
5.5
6
6.5
7
7.5
8
8.5
4.5
5
5.5
6
8
10121416
18
19
V
IN(V)
I
LIM = GND
I
LIM = VDDA
I
LIM = high Z
V
OUT = 1.2V
f = 400 kHz
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
4.5
6.5
8.5
10.5
12.5
14.5
16.5
18.5
V
IN (V)
Enable rising
Enable falling
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19
V
IN (V)
EN/DLY = 0V
15
20
25
30
35
-40 -25 -10
5
203550658095 110 125
Temperature (°C)
Switching
V
IN = 12V
I
OUT = 0A
f = 565 kHz
V
OUT = 1.8V
f = 790 kHz
V
OUT = 3.3V
f = 400 kHz
V
OUT = 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com