Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MIC45404
DS20005478A-page 14
 2015 Microchip Technology Inc.
3.5
Ground Extension Pins
(GND_EXT)
These pins are used for the bottom terminal connection
of the internal VIN and VDDP decoupling capacitors.
The GND_EXT pins should be connected to the GND
net, directly at the top layer, using a wide copper
connection.
3.6
Input Voltage Pins (VIN)
Input voltage for the Buck Converter power stage and
input of the internal linear regulator. These pins are the
drain terminal of the internal high-side N-channel
MOSFET. A 10 µF (minimum) ceramic capacitor should
be connected from VIN to GND, as close as possible to
the device.
3.7
Power Ground Pins (GND)
Connect the output capacitors to GND Pins 23 and 24,
as close as possible to the module.
Connect the input capacitors to GND Pin 9, as close as
possible to the module.
3.8
Output-Side Connection Pins
(OUT)
Output side connection of the internal inductor. The
output capacitors should be connected from this pin
group to GND (Pins 23 and 24), as close to the module
as possible.
3.9
Switch Node Pins (LX)
Switch Node: Drain (low-side MOSFET) and source
(high-side MOSFET) connection of the internal power
N-channel FETs. The internal inductor switched side
and the bootstrap capacitor are connected to LX.
Leave this pin floating.
3.10
Bootstrap Capacitor Pin (BST)
Connection to the internal bootstrap capacitor and
high-side power MOSFET drive circuitry. Leave this pin
floating.
3.11
Power Good Output Pin (PG)
When the output voltage is within 92.5% of the nominal
set point, this pin will go from logic low to logic high
through an external pull-up resistor. This pin is the drain
connection of an internal N-channel FET.
3.12
Output Voltage Selection Pins
(VOSET0 and VOSET1)
Three-state pin (low, high and High Z) for output volt-
age programming. Both VOSET0 and VOSET1 define
9 logic values, corresponding to nine output voltage
selections.
3.13
Not Connected Pins (NC)
These pins are not internally connected. Leave them
floating.
3.14
Current Limit Pin (ILIM)
This pin allows the selection of the current limit state:
low, high and High Z.
3.15
Switching Frequency Pin (FREQ)
This pin allows the selection of the frequency state: low,
high and High Z.
3.16
Analog Ground Pin (AGND)
This pin is a quiet ground for the analog circuitry of the
internal regulator and a return terminal for the external
compensation network.
3.17
Compensation Network Pin
(COMP)
Connect a compensation network from this pin to
AGND.
3.18
GND Exposed Pad
Connect to ground plane with thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com