Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MIC45404
DS20005478A-page 16
 2015 Microchip Technology Inc.
4.4
Enable/Delay (EN/DLY)
The EN/DLY pin is a dual threshold pin that turns the
internal LDO on/off and starts/stops the power delivery
to the output, as shown in Figure 4-1.
FIGURE 4-1:
EN/DLY Pin Functionality.
The threshold for LDO enable is 515 mV (typical) with
a hysteresis of approximately 30 mV. This hysteresis is
enough because at the time of LDO activation, there is
still no switching activity.
The threshold for power delivery is a precise 1.21V,
±70 mV. A 150 mV typical hysteresis prevents chattering
due to switching noise and/or slow edges.
A 2 µA typical pull-up current, with ±1 µA accuracy, per-
mits the implementation of a start-up delay by means of
an external capacitor. In this case, it is necessary to use
an open-drain driver to disable the MIC45404 while
maintaining the start-up delay function.
4.5
Power Good (PG)
The PG pin is an open-drain output that requires an
external pull-up resistor to a pull-up voltage (VPU_PG),
lower than 5.5V, for being asserted to a logic HIGH
level. The PG pin is asserted with a typical delay of
0.45 ms when the output voltage (OUTSNS) reaches
92.5% of its target regulation voltage. This pin is
deasserted with a typical delay of 80 µs when the
output voltage falls below 90% of its target regulation
voltage. The PG falling delay acts as a deglitch timer
against very short spikes. The PG output is always
immediately deasserted when the EN/DLY pin is below
the power delivery enable threshold (EN_R/EN_F).
The pull-up resistor should be large enough to limit the
PG pin current to below 2 mA.
4.6
Inductor (LX, OUT) and Bootstrap
(BST) Pins
The internal inductor is connected across the LX and
OUT pins. The high-side MOSFET driver circuit is pow-
ered between BST and LX by means of an internal
capacitor that is replenished from rail VDDP during the
low-side MOSFET on time. The bootstrap diode is
internal.
4.7
Output Sensing (OUTSNS) and
Compensation (COMP) Pins
OUTSNS should be connected exactly to the desired
Point-of-Load (POL) regulation, avoiding parasitic
resistive drops. The impedance seen into the OUTSNS
pin is high (tens of k
 or more, depending on the
selected output voltage value), therefore, its loading
effect is typically negligible. OUTSNS is also used by
the slope compensation generator.
The COMP pin is the connection for the external com-
pensation network. COMP is driven by the output of the
transconductance error amplifier. Care must be taken
to return the compensation network ground directly to
AGND.
4.8
Soft Start
The MIC45404 internal reference is ramped up at a
0.42 V/ms rate. Note that this is the internal reference
soft start slew rate and that the actual slew rate seen at
the output should take into account the internal divider
attenuation, as detailed in the Section 5.0 “Application
Information”
.
4.9
Switching Frequency (FREQ)
The MIC45404 features three different selectable
switching frequencies (400 kHz, 565 kHz and
790 kHz). Frequency selection is tied with a specific
output voltage selection, as described in Section 5.5
“Permissible MIC45404 Settings Combinations”
.
4.10
Pre-Biased Output Start-up
The MIC45404 is designed to achieve safe start-up into
a pre-biased output without discharging the output
capacitors.
4.11
Thermal Shutdown
The MIC45404 has a thermal shutdown protection that
prevents operation at excessive temperature. The
thermal shutdown threshold is typically set at +160°C,
with a hysteresis of +25°C.
EN/DLY
Enable Power
Comparator
EN_I
2 µA
AGND
EN_R
1.21V
VIN
Enable
Power
Delivery
150 mV
EN_LDO_R
515 mV
Enable LDO
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com