Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 5 Page - Microchip Technology

  MIC45404 Datasheet HTML 1Page - Microchip Technology MIC45404 Datasheet HTML 2Page - Microchip Technology MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 5
MIC45404
Pulse-Width Modulation (PWM)
Minimum LX On Time
TON(MIN)
—26—
ns
TA = TJ = +25°C
Minimum LX Off time
TOFF(MIN)
90
135
190
ns
VIN = VDDA = 5V, OUTSNS = 3V,
FREQ = Open (400 kHz setting),
VOSET0 = VOSET1 = 0V
(3.3V setting),
TA = TJ = +25°C
Minimum Duty Cycle
DMIN
—0
—
%
OUTSNS > 1.1 x VOUT(NOM)
Gm Error Amplifier
Error Amplifier
Transconductance
GmEA
—1.4
—
mS
Error Amplifier DC Gain
AEA
—50000
—V/V
Error Amplifier Source/Sink
Current
ISR_SNK
-400
—
+400
µA
TA = TJ = +25°C
COMP Output Swing High
COMP_H
—
2.5
—
V
COMP Output Swing Low
COMP_L
—
0.8
—
V
COMP-to-Inductor Current
Transconductance
GmPS
—
12.5
—
A/V
VOUT = 1.2V, IOUT = 4A
Output Voltage DC Accuracy
Output Voltage Accuracy for
Ranges 1 and 2
OutErr12
-1
—
1
%4.75V
 VIN  19V,
VOUT = 0.7V to 1.8V,
TA = TJ = -40°C to +125°C,
IOUT = 0A
Output Voltage Accuracy for
Range 3
OutErr3
-1.5
—
1.5
%4.75V
 VIN  19V,
VOUT = 2.49V to 3.3V,
TA = TJ = -40°C to +125°C,
IOUT = 0A
Load Regulation
LoadReg
—
0.03
—
%
IOUT = 0A to 5A
Line Regulation
LineReg
—
0.01
—
%
6V < VIN <19V, IOUT = 2A
Internal Soft Start
Reference Soft Start
Slew Rate
SS_SR
—
0.42
—
V/ms VOUT = 0.7V, 0.8V, 0.9V,
1.0V, 1.2V
Power Good (PG)
PG Low Voltage
PG_VOL
—0.17
0.4
VIPG =4 mA
PG Leakage Current
PG_ILEAK
-1
0.02
1
µA
PG = 5V
PG Rise Threshold
PG_R
90
92
95
%VOUT Rising
PG Fall Threshold
PG_F
87.5
90
92.5
%VOUT Falling
PG Rise Delay
PG_R_DLY
—
0.45
—
ms
VOUT Rising
PG Fall Delay
PG_F_DLY
—
80
—
µs
VOUT Falling
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Specifications:
unless otherwise specified, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com