Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 15
MIC45404
4.0
FUNCTIONAL DESCRIPTION
The MIC45404 is a pin-programmable, 5A Valley
Current mode controlled power module, with an input
voltage range from 4.5V to 19V.
The MIC45404 requires a minimal amount of external
components. Only two supply decoupling capacitors
and a compensation network are external. The
flexibility in designing the external compensation
allows the user to optimize the design across the entire
input voltage and selectable output voltages range.
4.1
Theory of Operation
Valley Current mode control is a fixed frequency, lead-
ing-edge modulated Pulse-Width Modulation (PWM)
Current mode control. Differing from the Peak Current
mode, the Valley Current mode clock marks the turn-off
of the high-side switch. Upon this instant, the
MIC45404 low-side switch current level is compared
against the reference current signal from the error
amplifier. When the falling low-side switch current sig-
nal drops below the current reference signal, the
high-side switch is turned on. As a result, the inductor
valley current is regulated to a level dictated by the
output of the error amplifier.
The feedback loop includes an internal programmable
reference and output voltage sensing attenuator, thus
removing the need for external feedback components
and improving regulation accuracy. Output voltage feed-
back is achieved by connecting the OUTSNS pin directly
to the output. The high-performance transconductance
error amplifier drives an external compensation network
at the COMP pin. The COMP pin voltage represents the
reference current signal. This pin voltage is fed to the
Valley Current mode modulator, which also adds slope
compensation to ensure current loop stability.
Internal inductor, power MOSFETs and internal
bootstrap diode complete the power train.
Overcurrent protection and thermal shutdown protect
the MIC45404 from Faults or abnormal operating
conditions.
4.2
Supply Rails (VIN, VDDA, VDDP)
and Internal LDO
VIN pins represent the power train input. These pins are
the drain connection of the internal high-side MOSFET
and should be bypassed to GND, at least with a X5R or
X7R 10 µF ceramic capacitor, placed as close as
possible to the module. Multiple capacitors are
recommended.
An internal LDO provides a clean supply (5.1V typical)
for the analog circuits at the VDDA pin. The internal LDO
is also powered from VIN, as shown in the Functional
Diagram. The internal LDO is enabled when the
voltage at the EN/DLY pin exceeds about 0.51V, and
regulation takes place as soon as enough voltage has
been established between the VIN and VDDA pins. An
internal Undervoltage Lockout (UVLO) circuit monitors
the level of VDDA. The VDDA pin needs external bypass-
ing to GND by means of a 2.2 µF X5R or X7R ceramic
capacitor, placed as close as possible to the module.
VDDP is the power supply rail for the gate drivers and
bootstrap circuit. This pin is bypassed to GND_EXT by
means of an internal high-frequency ceramic capacitor.
For this reason, the GND_EXT pins should be routed
with a low-inductance path to the GND net. An internal
10
 resistor is provided between VDDA and VDDP,
allowing the implementation of a switching noise atten-
uation RC filter with the minimum amount of external
components. It is possible, although typically not
necessary, to lower the RC time constant by connecting
an external resistor between VDDA and VDDP.
If the input rail is within 4.5V to 5.5V, it is possible to
bypass the internal LDO by connecting VIN, VDDA and
VDDP together. Local decoupling of the VDDA pin is still
recommended.
4.3
Pin-Strapping Programmability
(VOSET0, VOSET1, FREQ, ILIM)
The MIC45404 uses pin strapping to set the output volt-
age (VOSET0, VOSET1), switching frequency (FREQ)
and current limit (ILIM). No external passives are needed,
therefore, the external component count is minimized.
Each pin is a three-state input (connect to GND for LOW
logic level, connect to VDDA for HIGH logic level or leave
unconnected for High Z). The logic level of the pins is
read and frozen in the internal configuration logic
immediately after the VDDA rail comes up and becomes
stabilized. After this instant, any change of the input logic
level on the pins will have no effect until the VDDA power
is cycled again. The values corresponding to each
particular pin strapping configuration are detailed in
Section 5.0 “Application Information”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com