Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 18Page - Microchip Technology MIC45404 Datasheet HTML 19Page - Microchip Technology MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology MIC45404 Datasheet HTML 22Page - Microchip Technology MIC45404 Datasheet HTML 23Page - Microchip Technology MIC45404 Datasheet HTML 24Page - Microchip Technology MIC45404 Datasheet HTML 25Page - Microchip Technology MIC45404 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MIC45404
DS20005478A-page 22
 2015 Microchip Technology Inc.
5.7
Input Capacitor Selection
Two main requirements determine the size and
characteristics of the input capacitor:
• Steady-State Ripple
• RMS Current
The Buck Converter input current is a pulse train with
very fast rising and falling times, so low-ESR ceramic
capacitors are recommended for input filtering because
of their good high-frequency characteristics.
By assuming an ideal input filter (which can be assimi-
lated to a DC input current feeding the filtered buck
power stage) and by neglecting the contribution of the
input capacitor ESR to the input ripple (which is typically
possible for ceramic input capacitors), the minimum
capacitance value, CIN(MIN), needed for a given input
peak-to-peak ripple voltage,
Vr, IN, can be estimated as
shown in Equation 5-11:
EQUATION 5-11:
The RMS current, IIN,RMS, of the input capacitor is
estimated as in Equation 5-12:
EQUATION 5-12:
Note that, for a given output current, IO, worst-case
values are obtained at D = 0.5.
Multiple input capacitors can be used to reduce input
ripple amplitude and/or individual capacitor RMS
current.
5.8
Compensation Design
As a simple first-order approximation, the Valley Current
mode controlled buck power stage can be modeled as a
voltage controlled current source, feeding the output
capacitor and load. The inductor current state variable is
removed and the power stage transfer function from
COMP to the inductor current is modeled as a transcon-
ductance (GmPS). The simplified model of the control
loop is shown in Figure 5-3. The power stage trans-
conductance, GmPS, shows some dependence on
current levels and it is also somewhat affected by
process variations, therefore, some design margin is
recommended against the typical value, GmPS = 12.5A/V
(see Section 1.0 “Electrical Characteristics”).
FIGURE 5-3:
Simplified Small Signal
Model of the Voltage Regulation Loop.
This simplified approach disregards all issues related
to the inner current loop, like its stability and bandwidth.
This approximation is good enough for most operating
scenarios, where the voltage loop bandwidth is not
pushed to aggressively high frequencies.
Based on the model shown in Figure 5-3, the
control-to-output transfer function is:
EQUATION 5-13:
The MIC45404 module uses a transconductance
(GmEA = 1.4 mA/V) error amplifier. Frequency compen-
sation is implemented with a Type-II network (RC1, CC1
and CC2) connected from the COMP to AGND. The
compensator transfer function consists of an integrator
for zero DC voltage regulation error, a zero to boost the
phase margin of the overall loop gain around the
crossover frequency and an additional pole that can
be used to cancel the output capacitor ESR zero, or to
further attenuate switching frequency ripple. In both
cases, the additional pole makes the regulation loop
less susceptible to switching frequency noise. The
additional pole is created by capacitor CC2 (internally
provided, CC2 value is 47 pF). Equation 5-14 details the
compensator transfer function, HC(S) (from OUTSNS to
COMP).
C
IN MIN

I
O
D1
D
–

V
r,IN
f
S
----------------------------------------
=
Where:
D is the duty cycle at the given operating point.
I
IN,RMS
I
O
D1
D
–

=
GmPS
Gm Error
Amplifier
OUTSNS
COMP
R2
R1
REFDAC
VO Range
CC2
CC1
RC1
Co
RL
ESR
Vo
VIN
Vc
IL
GmEA
G
CO S

V
OS

V
CS

-------------
Gm
PS
R
L
1
s
2
 f
Z
-----------------
+


1
s
2
 f
P
-----------------
+


--------------------------------
==
Where f
Z and fP = the frequencies associated with
the output capacitor ESR zero and with the load
pole, respectively:
f
Z
1
2
 C
O
ESR
-------------------------------------
=
f
P
1
2
 C
O
ESR
R
L
+

-------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com