Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MIC45404
DS20005478A-page 8
 2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
FIGURE 2-7:
EA Output Current vs.
Temperature.
FIGURE 2-8:
EA Transconductance vs.
Temperature.
FIGURE 2-9:
Efficiency vs. Output
Current (VIN =12V).
FIGURE 2-10:
Efficiency vs. Output
Current (VIN =5V).
FIGURE 2-11:
Output Voltage vs. Output
Current (VOUT =0.9V).
FIGURE 2-12:
Output Voltage vs. Output
Current (VOUT =1.0V).
-800
-600
-400
-200
0
200
400
600
800
-40
-20
0
20
40
60
80
100
120
140
Temperature(°C)
V
IN = 12V
Sinking
Sourcing
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20406080
100
120
140
Temperature (°C)
V
IN = 12V
V
OUT = 1.0V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0
0.5
11.522.5
3
3.544.5
5
I
OUT (A)
12
12
12
12
12
12
12
12
12
0.7V
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
00.511.522.533.544.5
5
I
OUT (A)
5
5
5
5
5
5
5
5
5
0.7V
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
0.891
0.893
0.895
0.897
0.899
0.901
0.903
0.905
0.907
0.909
00.511.522.533.5
44.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V
0.990
0.995
1.000
1.005
1.010
00.5
11.5
22.533.544.5
5
I
OUT (A)
5
12
V
IN = 12V
V
IN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com