Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 4 Page - Microchip Technology

  MIC45404 Datasheet HTML 1Page - Microchip Technology MIC45404 Datasheet HTML 2Page - Microchip Technology MIC45404 Datasheet HTML 3Page - Microchip Technology MIC45404 Datasheet HTML 4Page - Microchip Technology MIC45404 Datasheet HTML 5Page - Microchip Technology MIC45404 Datasheet HTML 6Page - Microchip Technology MIC45404 Datasheet HTML 7Page - Microchip Technology MIC45404 Datasheet HTML 8Page - Microchip Technology MIC45404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC45404
DS20005478A-page 4
 2015 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS(1)
Electrical Specifications:
unless otherwise specified, VIN = 12V; CVDDA= 2.2 µF, TA = +25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
VIN Supply
Input Range
VIN
4.5
—
19
V
Disable Current
IVINQ
—33
60
µA
EN/DLY = 0V
Operating Current
IVINOp
—5.35
8.5
mA
EN/DLY > 1.28V,
OUTSNS = 1.15 x VOUT(NOM),
no switching
VDDA 5V Supply
Operating Voltage
VDDA
4.8
5.1
5.4
V
EN/DLY > 0.58V,
IVDDA = 0 mA to 10 mA
Dropout Operation
3.6
3.75
—
V
VIN = 4.5V, EN/DLY > 0.58V,
IVDDA = 10 mA
VDDA Undervoltage Lockout
VDDA UVLO Rising
UVLO_R
3.1
3.5
3.9
VVDDA Rising, EN/DLY > 1.28V
VDDA UVLO Falling
UVLO_F
2.87
3.2
3.45
VVDDA Falling, EN/DLY > 1.28V
VDDA UVLO Hysteresis
UVLO_H
—
300
—
mV
EN/DLY Control
LDO Enable Threshold
EN_LDO_R
—
515
600
mV
Turns on VDDA LDO
LDO Disable Threshold
EN_LDO_F
450
485
—
mV
Turns off VDDA LDO
LDO Threshold Hysteresis
EN_LDO_H
—
30
—
mV
EN/DLY Rising Threshold
EN_R
1.14
1.21
1.28
V
Initiates power stage operation
EN/DLY Falling Threshold
EN_F
—
1.06
—
V
Stops power stage operation
EN/DLY Hysteresis
EN_H
—
150
—
mV
EN/DLY Pull-up Current
EN_I
1
2
3
µA
Switching Frequency
Programmable
Frequency (High Z)
fSZ
360
400
440
kHz
FREQ = High Z (open)
Programmable Frequency 0
fS0
500
565
630
kHz
FREQ= Low (GND)
Programmable Frequency 1
fS1
700
790
880
kHz
FREQ = High (VDDA)
Overcurrent Protection
HS Current Limit 0
ILIM_HS0
6.0
7.1
8.1
AILIM = Low (GND)
HS Current Limit 1
ILIM_HS1
8.1
9.3
10.3
AILIM = High (VDDA)
HS Current Limit High Z
ILIM_HSZ
9.3
10.5
11.9
AILIM = High Z (open)
Top FET Current Limit
Leading-Edge Blanking Time
LEB
—
108
—
ns
LS Current Limit 0
ILIM_LS0
3.0
4.6
6.3
AILIM = Low (GND)
LS Current Limit 1
ILIM_LS1
4.0
6.2
7.9
AILIM = High (VDDA)
LS Current Limit High Z
ILIM_LSZ
5.0
6.8
8.6
AILIM = High Z (Open)
OC Events Count for Hiccup
INHICC_DE
—15—
Clock
Cycles
Number of subsequent cycles
in current limit before entering
hiccup overload protection
Hiccup Wait Time
tHICC_WAIT
—3 x Soft
Start Time
—
Duration of the High Z state on
LX before new soft start.
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com