Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 24Page - Microchip Technology MIC45404 Datasheet HTML 25Page - Microchip Technology MIC45404 Datasheet HTML 26Page - Microchip Technology MIC45404 Datasheet HTML 27Page - Microchip Technology MIC45404 Datasheet HTML 28Page - Microchip Technology MIC45404 Datasheet HTML 29Page - Microchip Technology MIC45404 Datasheet HTML 30Page - Microchip Technology MIC45404 Datasheet HTML 31Page - Microchip Technology MIC45404 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 29
MIC45404
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
MIC45404: Ultra-low profile, synchronous step-down
regulator module
Lead Finish:
Y
=
Pb-Free with Industrial Temperature Grade
Package Code
MP
=
Module Package, thickness ≥ 2.0 mm
Tape and Reel
Option:
TR
= Tape and Reel(1)
Examples:
a) MIC45404YMP-TR: Pb-Free, 54 Lead
6 x 10 x 2 mm QFN Package,
Tape and Reel.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
-XX(1)
Tape and Reel
Option
X
XX
Lead Finish
Package Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com