Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45404 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 9Page - Microchip Technology MIC45404 Datasheet HTML 10Page - Microchip Technology MIC45404 Datasheet HTML 11Page - Microchip Technology MIC45404 Datasheet HTML 12Page - Microchip Technology MIC45404 Datasheet HTML 13Page - Microchip Technology MIC45404 Datasheet HTML 14Page - Microchip Technology MIC45404 Datasheet HTML 15Page - Microchip Technology MIC45404 Datasheet HTML 16Page - Microchip Technology MIC45404 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005478A-page 13
MIC45404
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Output Sensing Pins (OUTSNS)
Connect these pins directly to the Buck Converter
output voltage. These pins are the top side terminal of
the internal feedback divider.
3.2
Precision Enable/Turn-On Delay
Input Pin (EN/DLY)
The EN/DLY pin is first compared against a 515 mV
threshold to turn on the on-board LDO regulator. The
EN/DLY pin is then compared against a 1.21V (typical)
threshold to initiate output power delivery. A 150 mV
typical hysteresis prevents chattering when power
delivery is started. A 2 µA (typical) current source pulls
up the EN/DLY pin. Turn-on delay can be achieved by
connecting a capacitor from EN/DLY to ground, while
using an open-drain output to drive the EN/DLY pin.
3.3
MOSFET Drivers Internal
Supply Pin (VDDP)
Internal supply rail for the MOSFET drivers, fed by the
VDDA pin. An internal resistor (10) between the VDDP
and VDDA pins, and an internal decoupling capacitor
are provided in the module in order to implement an RC
filter for switching noise suppression.
3.4
Internal Regulator Output Pin
(VDDA)
Output of the internal linear regulator and internal
supply for analog control. A 1 µF minimum ceramic
capacitor should be connected from this pin to GND; a
2.2 µF nominal value is recommended.
TABLE 3-1:
PIN FUNCTION TABLE
MIC45404
Symbol
Pin Function
1, 54
OUTSNS
Output Sensing Pin
2
EN/DLY
Precision Enable/Turn-On Delay Input Pin
3VDDP
MOSFET Drivers Internal Supply Pin
4VDDA
Internal LDO Output and Analog Supply Pin
5, 6
GND_EXT
Ground Extension Pins
7, 8
VIN
Input Voltage Pins
9, 23, 24, 50, 51
GND
Power Ground Pins
11, 12, 13, 14, 15, 16, 17, 18,
19, 20, 21
OUT
Output Side Connection Pins
10, 22, 25, 40
KEEPOUT
Depopulated Pin Positions
26, 27, 28, 29, 30, 31, 32, 33,
34, 35, 36, 37, 38, 39
LX
Switch Node Pins
41, 42
BST
Bootstrap Capacitor Pin
43
PG
Power Good Output Pin
44
VOSET0
Output Voltage Selection Pins
45
VOSET1
46, 47
NC
Not Connected Pins
48
ILIM
Current Limit Selection Pin
49
FREQ
Switching Frequency Selection Pin
52
AGND
Analog Ground Pin
53
COMP
Compensation Network Pin
55
GND_EP
Ground Exposed Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com