Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 2Page - STMicroelectronics TDA7333 Datasheet HTML 3Page - STMicroelectronics TDA7333 Datasheet HTML 4Page - STMicroelectronics TDA7333 Datasheet HTML 5Page - STMicroelectronics TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TDA7333
6/21
The architecture is a very economical implementation because digital multipliers are not required. It is imple-
mented by cascading 4 integrators operating at full sampling rate (XTI/2) followed by 4 differentiators operating
at the reduced sampling rate (XTI/2/16). Also wrap around logic is allowed and the internal overflow will not af-
fect the output signal as long as a minimum required bit width is maintained.
The transfer function of this Sinc4/16 filter is:
with K = 4, M = 16
and its frequency response is:
with
Figure 4. Transfer function of a 4th order Sinc Filter, decimation factor is 16.
Hz
()
1
M
-----
1z M
–
–
1z 1
–
–
--------------------


 K
=
Hejω
()
1
M
-----
M
ω
2
---------


sin
ω
2
----


sin
-----------------------




 K
=
ω
2
π f
fs
-----
=
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
x 10
6
100
90
80
70
60
50
40
30
20
10
0
Sinc4/16 Transfer Function
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com