Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TDA7333
10/21
7.6 Group and block synchronization module
The group and block synchronization module has the following features :
– Hardware group and block synchronization
– Hardware error detection
– Hardware error correction using the quality bit information of the demodulator
– Hardware synchronization flywheel
– TAinformation extraction
– reset by software (ar_res)
Figure 9. Group and block synchronization block diagram
This module is used to acquire group and block synchronization of the received RDS data stream, which is pro-
vided in a modified shortened cyclic code. For the theory and implementation of the modified shortened cyclic
code, please refer to the specification of the radio data system (RDS) EN50067.
It further detects errors in the data stream. Depending on the quality bit information of the demodulator an error
correction is made.
The RDS data bytes are available to the software together with status bits giving an indication on the reliability
of the data.
It also extracts TA information which can be used as interrupt source (cf page 12).
S(4:0)
RDSCLK
RDSDAT
RDSQAL
rds_bd_h,rds_bd_l
rds_corrp
rds_qu
rds_int
RDSDAT(15:0)
Q(3:0)
CP(9:5)
Correct. pat.
Syndrome register
S(9:0)
Correction
logic
Corrected
Data_OK
Block
missed
QU(0:3)
RDS block counter
ABH
DBH
BLOCKE detected
Syndrom zero
Group & Block Synchronization Control Block
set
set
new
Block
available
next
RDS
bit
int
bit_int
res
AR_RES
read only
read only
read only
read/write
BLOCK A
Quality bit counter
from RDS
Demodulator
BLOCK B
BLOCK D
TAEON
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com