Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics TDA7333 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TDA7333
12/21
Note : when changing the interrupt mode, one has to
perform a reset of the module (i.e set the bit “ar_res” at
one)
(3) qu[3..0] is a counter of the quality bit information coming
from the RDS demodulator. It is counting the number of bits
which are marked as bad by the demodulator. Only those bits
are allowed to be corrected. Thus the quality bit counter indi-
cates the maximum possible number of bits being corrected.
interrupt bit. It is set to one on every programmed interrupt. It
is reset by reading rds_int register.
interrupt source
itsrc[2:0] select the interrupt source (1)
synchronization information.
1: the module is already synchronized.
0: the module is synchronizing
It is used to force a resynchronization. If it is set to one, the
RDS modules are forced to resynchronization state.
The bit is automatically reset. So it is always read as zero.
RDS block.
if 1, one block has been detected
rds_int and rds_bd_ctrl write order (when in SPI mode)
1: rds_int and rds_bd_ctrl are updated with data shifted in.
0: rds_int and rds_bd_ctrl are not updated.
It indicates if the error correction was successfull.
1: the syndrome was zero after the error correction.
0: the syndrome did not become zero and therefore the
correction was not successfull.
1: a block E is detected.This indicates a paging block
which is defined in the RBDS specification used in the
united states of America.
0: an ordinary RDS block A, B, C, c´or D is detected, or no
valid syndrome was found.
bit 0 of block counter (2)
bit 1 of block counter (2)
bit 0 of quality counter
(3)
bit 1 of quality counter
(3)
bit 2 of quality counter
(3)
bit 3 of quality counter
(3)
bitname
access
bit7
bit0
bit1
bit2
bit3
bit4
bit5
bit6
r
r/w
rr/w
r
r/w
r/w
r/w
itsrc0
int
ar_res
bne
itsrc1
synch
write
resetvalue
0
00
0
0
00
0
itsrc2
(1)
itsrc2
0
0
itsrc1
interruptsource
itsrc0
blockB
blockA
blockD
TA
TAEON
nointerrupt
0
0
10
0
11
1
10
1
11
1
01
rds_int
RDSBlock
0
01
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rr
r
r
synz
e
qu0
qu3
qu1
qu2
blk1
blk0
blk1
1
0
0
0
blk0
block A
block name
block D
1
block C,C'
0
block B
1
1
(2)
reset value
0
0
00
00
0
0
rds_qu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com