Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics TDA7333 Datasheet HTML 16Page - STMicroelectronics TDA7333 Datasheet HTML 17Page - STMicroelectronics TDA7333 Datasheet HTML 18Page - STMicroelectronics TDA7333 Datasheet HTML 19Page - STMicroelectronics TDA7333 Datasheet HTML 20Page - STMicroelectronics TDA7333 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
TDA7333
18/21
Figure 18. read out RDS data and related flags, no update of rds_int and rds_bd_ctrl registers
Figure 19. write rds_int registers in spi mode,reading 1 register
The content of the rds registers is clocked out on DATAOUT pin in the following order:
rds_int[7:0], rds_qu[7:0], rds_corrp[7:0], rds_bd_l[7:0], rds_bd_h[7:0], rds_ctrl[7:0], sinc4reg[7:0], testreg[7:0]
For the meaning of the single bits please refer to the pages 13 to 15 .
Note : After 40 bit clocks the whole RDS data and flags are clocked out.
9
Application Notes
A typical rds data transfer could work like this:
1. The micro sets the interrupt source to “RDS block” interrupt by setting itsrc[2:0] to 001.
2. The micro continuously checks the rds_int[7:0] bits for the first interrupt ( rds_int[0] goes high). If
there is no interrupt it stops the transfer after these 8 bits. No update of the rds_int[7:0] is per-
formed.
3. Once there is an interrupt detected the micro will also clock out all the other RDS bits (rds_qu[7:0],
rds_corrp[7:0], rds_bd_h[7:0], rds_bd_l[7:0]).
4. The next interrupt can not be expected before 22ms.
The above example is working by polling the rds_int[0] bit. An easier and better application is possible by
checking the RDS interrupt pin INTN ( see below ) and starting the transfer only when this interrupt is
present.
The output pin INTN acts as an interrupt pin. The source of interrupt is programmable through the register
rds_int ( cf page 11), the value on the pin is the inverted value of the bit rds_int[0] ( i.e this interrupt pin is active
low). With the help of this pin an interrupt driven request of the rds data is possible (The external processor only
starts the transfer if an interrupt is active).
CSN
DATAIN
DATAOUT
CLK
rds_int[7:0]
rds_qu[7:0]
rds_corrp[7:0]
rds_bd_h[7:0]
rds_bd_l[7:0]
{0,x,x,x,x,x,x,x}
CSN
DATAIN
DATAOUT
CLK
rds_int[7:0]
{1,rds_int[6:0]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com