Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics TDA7333 Datasheet HTML 16Page - STMicroelectronics TDA7333 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
TDA7333
(*) (refer to: Specification of the radio data system EN50067
of CENELEC, ANNEX B). When bits 4...0 of the syndrome
register are all zero a possible error burst is stored in this
bits. With the help of the correction pattern(bits 9..5 of the
syndrome register), the type of error can be measured in or-
der to classify the reliability of the correction.
It is an information about a correct syndrome after recep-
tion resp. after an error correction routine.
1: a correct syndrome was detected.
0: the syndrome was wrong. The current RDS data cannot
be used.
It is an information about error correction.
1: an error correction was made.
0: the actual RDS block is detected as error free.
bit 5 of the syndrome register(*)
bit 6 of the syndrome register(*)
bit 7 of the syndrome register(*)
bit 8 of the syndrome register(*)
bit 9 of the syndrome register(*)
bit 15 of the actual RDS 16bits information
bit 14 of the actual RDS 16bits information
bit 13 of the actual RDS 16bits information
bit 12 of the actual RDS 16bits information
bit 11 of the actual RDS 16bits information
bit 10 of the actual RDS 16bits information
bit 9 of the actual RDS 16bits information
bit 8 of the actual RDS 16bits information
bit 7 of the actual RDS 16bits information
bit 6 of the actual RDS 16bits information
bit 5 of the actual RDS 16bits information
bit 4 of the actual RDS 16bits information
bit 3 of the actual RDS 16bits information
bit 2 of the actual RDS 16bits information
bit 1of the actual RDS 16bits information
bit 0 of the actual RDS 16bits information
bitname
access
bit7
bit0
bit1
bit2
bit3
bit4
bit5
bit6
r
r
rr
rr
r
r
-
dat_ok
cp6
cp9
cp7
cp8
cp5 correct
resetvalue
0
0
00
00
0
0
rds_corrp
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rr
r
r
m8
m9
m12
m15
m13
m14
m11 m10
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rr
r
r
m0
m1
m4
m7
m5
m6
m3
m2
reset value
0
0
00
00
0
0
reset value
0
0
00
00
0
0
bit name
rds_bd_h
rds_bd_l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com