Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7333 Datasheet HTML 1Page - STMicroelectronics TDA7333 Datasheet HTML 2Page - STMicroelectronics TDA7333 Datasheet HTML 3Page - STMicroelectronics TDA7333 Datasheet HTML 4Page - STMicroelectronics TDA7333 Datasheet HTML 5Page - STMicroelectronics TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TDA7333
4/21
6.3
Electrical Characteristics
Tamb = -40 to +85 °C, VDDA/VDDD = 3.0 to 3.6 V, fosc = 8.55 MHZ, unless otherwise specified
VDDD and VDDA must not differ more than 0.15 V
Table 6. Electrical Characteristics
Symbol
Parameter
Test Conditions
Values
Unit
Min.
Typ.
Max.
Supply (pin 1,5,7)
VDDD
Digital Supply Voltage
3.0
3.3
3.6
V
VDDA
Analog Supply Voltage
3.0
3.3
3.6
V
IDDD
Digital Supply Current
2
mA
IDDA
Analog Supply Current
8
mA
Pd
Total Power Dissipation
33
mW
Digital Inputs( pin 6,8,11,12,13,14)
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Vilhyst
Low level threshold input falling
1.0
1.15
V
Vihhyst
High level threshold input rising
1.5
1.7
V
Vhst
Schmitt trigger hysteresis
0.4
0.7
V
Digital Outputs (pin 12,13,15) are open drains
Voh
High level output Voltage
open drain, depends on external
circuitry
VDDD
V
Vol
Low level output Voltage
Iol =4mA, takes into account 200mV
drop in the supply voltage
0.4
V
Analog Inputs (pin 16)
VMPX
Input Range of MPX Signal
0.75
Vrms
SRDS
RDS Detection Sensitivity
1
mVrms
RMPX
Input Impedance of MPX pin
55k
Ohm
Crystal parameters
fosc
Quartz Frequency
8.55 or
8.664
MHz
tsu
Start up Time
10
ms
gm
Transconductance
0.0006
A/V
Cxti,Cxto
Load Capacitance
16
pF
Sigma Delta Modulator
Fs
Sample Rate
fosc =8.55 MHz
4.275
MHz
OVR
Oversampling Ratio
f =57 kHz
38
THD+N
Relative Total Harmonic Dist.
plus Noise
BW= 54.5 .. 59.5 kHz, unweigted,
Vrds = 3mVrms
27
dB
Sinc4/16 Decimation Filter
fs
Decimated Sample Rate
fosc = 8.55 MHz
267.2
kHz
A57
Attenuation at 57 kHz
-2.6
dB
Attenuation Difference
BW= 54.5 .. 59.5 kHz
0.4
dB
Bandpass Filter
fs
Sample Rate
fosc =8.55 MHz
267.2
kHz
fp
Passband Frequencies
55.6
58.4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com