Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 4Page - STMicroelectronics TDA7333 Datasheet HTML 5Page - STMicroelectronics TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TDA7333
8/21
Figure 7. Phase Response of the RDS Bandpass Filter
The output sample of the bandpass filter is picked up from a linear interpolator with sinc2 characteristics. The
interpolation factor is 32. A zero cross detection is simply formed by taking the sign bit of the interpolated signal.
This signal which contains only phase informations is processed by the RDS Demodulator.
7.5 Demodulator
– The demodulator includes :
– RDS quality indicator with selectable sensitivity
– Selectable time constant of 57kHz PLL
– Selectable time constant of bit PLL
– time constant selection done automatically or by software
Figure 8. Demodulator Block Diagram
5.6
5.65
5.7
5.75
5.8
x 10
4
3
2
1
0
1
2
3
Phase of RDS Filter
Frequency [Hz]
to RDS group and block synchronisation
module:
from RDS group and block synchronisation
module:
RD
RDSDAT
RDSQUAL
AR_RES
mclk
(8,550 or 8,664 MHz)
MPX
Input-stage
(digital Filter)
ARI-indicator
57 kHz PLL
frequency
offset comp.
Clock Generator
Half Wave
Integrator
Half Wave
Extractor
RDS Quality
Extractor
RDS Data
Extractor
1187.5Hz
PLL
mclk
Sine comp.
Cosine comp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com