Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
TDA7333
7.7 Programming through Serial bus interface
The serial bus interface is used to access the different registers of the chip. It is able to handle both I2C and SPI
transfer protocols, the selection between the two modes is done thanks to the pin CSN :
– if the pin CSN is high, the interface operates as an I2C bus.
– if the pin CSN is asserted low, the interface operates as a SPI bus.
In both modes, the device is a slave, i.e the clock pin SCL_CLK is only an input for the chip.
Depending on the transfer mode, external pins have alternate functions as following:
Table 7.
Eight registers are available with read or read/write access rights as following :
Table 8.
The meaning of each bit is described below :
pin
function in
SPI mode (CSN=0)
function in
I2C mode (CSN=1)
SCL_CLK
CLK (serial clock)
SCL (serial clock)
SDA_DATAIN
DATAIN (data input)
SDA (data line)
SA_DATAOUT
DATAOUT (data output)
SA (slave address)
register
access rights
function
rds_int[7:0]
read/write
interrupt source setting,synch., bne information
rds_qu[7:0]
read
quality counter, actual block name
rds_corrp[7:0]
read
error correction status, buffer ovf information
rds_bd_h[7:0]
read
high byte of current RDS block
rds_bd_l[7:0]
read
low byte of current RDS block
rds_bd_ctrl[7:0]
read/write
frequency, quality sensitivity, plls setting
sinc4reg[7:0]
read/write
sinc4 filter settings (for internal use only)
testreg[7:0]
read/write
test modes (for internal use only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com